Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RZF013P01 Datasheet(PDF) 2 Page - Rohm

Part # RZF013P01
Description  1.5V Drive Pch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RZF013P01 Datasheet(HTML) 2 Page - Rohm

  RZF013P01 Datasheet HTML 1Page - Rohm RZF013P01 Datasheet HTML 2Page - Rohm RZF013P01 Datasheet HTML 3Page - Rohm RZF013P01 Datasheet HTML 4Page - Rohm RZF013P01 Datasheet HTML 5Page - Rohm RZF013P01 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RZF013P01
Data Sheet
2/5
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.02 - Rev.A
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
IGSS
Yfs
Min.
−
Typ.
Max.
Unit
Conditions
V(BR) DSS
IDSS
VGS (th)
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
Qg
Qgs
Qgd
RDS (on)
∗
∗
∗
∗
∗
∗
∗
∗
∗
Gate-source leakage
Drain-source breakdown voltage
Zero gate voltage drain current
Gate threshold voltage
Static drain-source on-state
resistance
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Total gate charge
Gate-source charge
Gate-drain charge
∗Pulsed
−±10
µAVGS=±10V, VDS=0V
VDD
−6V
−12
−−
VID=
−1mA, VGS=0V
−−
−1
µAVDS= −12V, VGS=0V
−0.3
−−1.0
V
VDS=
−6V, ID= −1mA
−
190
260
ID=
−1.3A, VGS= −4.5V
−
280
390
m
Ω
m
Ω
m
Ω
ID=
−0.6A, VGS= −2.5V
−
400
600
ID=
−0.6A, VGS= −1.8V
m
Ω
−
530
1060
ID=
−0.2A, VGS= −1.5V
1.4
−−
SVDS=
−6V, ID= −1.3A
−
290
−
pF
VDS=
−6V
−
28
21
−
pF
VGS=0V
−
8
−
pF
f=1MHz
−
10
−
ns
−
30
−
ns
−
9
−
ns
−
2.4
−
ns
−
0.6
−
nC
−
0.4
−
nC
VGS=
−4.5V
RL
4.6
Ω
RG=10
Ω
−−
nC
ID=
−1.3A
VDD
−6V
ID=
−0.6A
VGS=
−4.5V
RL
10
Ω
RG=10
Ω
Body diode characteristics (Source -drain) (Ta=25
°C)
VSD
−−
−1.2
V
IS=
−1.3A, VGS=0V
Forward voltage
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
∗Pulsed
∗



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com