Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMT18 Datasheet(PDF) 2 Page - Rohm

Part # IMT18
Description  General purpose transistors(dual transistors)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

IMT18 Datasheet(HTML) 2 Page - Rohm

  IMT18 Datasheet HTML 1Page - Rohm IMT18 Datasheet HTML 2Page - Rohm IMT18 Datasheet HTML 3Page - Rohm IMT18 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/3
www.rohm.com
○
c
2010 ROHM Co., Ltd. All rights reserved.
2010.08 - Rev.C
Data Sheet
EMT18 / UMT18N / IMT18
Electrical characteristics (Ta=25
C)
Parameter
Collector-base breakdown voltage
Symbol
Min.
Typ. Max.
Unit
Conditions
BVCBO
−15
−−
VIC
= −10μA
IC
= −1mA
IE
= −10μA
VCB
= −15V
VCE
= −2V, IE=10mA, f=100MHz
VCB
= −10V, IE=0A, f=1MHz
Collector-emitter breakdown voltage
BVCEO
−12
−−
V
Emitter-base breakdown voltage
BVEBO
−6
−−
V
Collector cutoff current
ICBO
−−
−0.1
μA
VCB
= −6V
Emitter cutoff current
IEBO
−−
−0.1
μA
IC / IB
= −200mA / −10mA
Collector-emitter saturation voltage
VCE (sat)
−−100 −250 mV
VCE
= −2V, IC= −10mA
DC current transfer ratio
hFE
270
−
680
−
Transition frequency
fT
−
260
−
MHz
Output capacitance
Cob
−
6.5
−
pF
Packaging specifications and hFE
Package name
Code
Taping
Basic ordering unit (pieces)
EMT18
UMT18N
IMT18
T2R
8000
TR
3000
−
−
−−
T110
3000
−
−
Type
Electrical characteristic curves
1
2
5
10
20
50
100
200
500
1000
0
0.5
1.0
1.5
BASE TO EMITTER VOLTAGE : VBE (V)
VCE
=2V
Fig.1 Grounded Emitter Propagation
Characteristics
Ta
= −40∞C
Ta
=25∞C
Ta
=125∞C
1
2
5
10
20
50
100
200
500
1000
1
2
5
10 20
50 100 200
500 1000
COLLECTOR CURRENT : IC (mA)
VCE
=2V
Fig.2 DC Current Gain vs.
Collector Current
Ta
= −40∞C
Ta
=25∞C
Ta
=125∞C
1
2
5
10
20
50
100
200
500
1000
1
2
5
10 20
50 100 200
500 1000
COLLECTOR CURRENT : IC (mA)
IC / IB
=20
Ta
= −40°C
Ta
=25°C
Ta
=125°C
Fig.3 Collector-Emitter Saturation
Voltage vs.
Collector Current (
Ι)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com