Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR4N Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR4N
Description  ULTRA FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR4N Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR4N Datasheet HTML 1Page - Solid States Devices, Inc SDR4N Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SDR4 __ __ __
L Screening
2/
= None
TX = TX Level
TXV = TXV Level
S = S Level
⏐
⏐
⏐
⏐
L Package
___ = Axial
SMS = Surface Mount Square Tab
⏐
⏐
⏐
⏐
⏐
⏐
⏐
L
Voltage
G = 400 V
J = 600 V
K = 800 V
M = 1000 V
N = 1200 V
SDR4G - SDR4N
and
SDR4GSMS – SDR4NSMS
3 AMP
400 – 1200 Volts
50-80 nsec
ULTRA FAST RECTIFIER
Features:
• Ultra Fast Recovery: 50-80 nsec Max. @ 25°C
85-125 nsec Max. @ 100°C
• Single Chip Construction
• PIV to 1200 Volts
• Low Reverse Leakage Current
• Hermetically Sealed
• For High Efficiency Applications
• Available in Axial Leaded & Surface Mount versions
• Metallurgically Bonded
• TX, TXV, and S-Level Screening Available2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage
SDR4G
SDR4J
SDR4K
SDR4M
SDR4N
VRRM
VRWM
VR
400
600
800
1000
1200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25ºC)
Io
3
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, Allow Junction to
Reach Equilibrium Between Pulses, TA = 25ºC)
IFSM
75
Amps
Operating & Storage Temperature
Top & Tstg
-65 to +175
ºC
Maximum Thermal Resistance
Junction to Lead, L = 3/8 "
Junction to End Tab
RθJL
RθJE
20
14
ºC/W
Notes:
1/ For Ordering Information, Price, Operating Curves, and
Availability – Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows
Available on Request.
Axial Leaded
SMS (Square)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0015B
DOC


Similar Part No. - SDR4N

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR4N SSDI-SDR4N Datasheet
301Kb / 2P
3 AMP 400-1200 50-80nsec ULTRA FAST RECTIFIER
SDR4NSMS SSDI-SDR4NSMS Datasheet
217Kb / 2P
3 AMP 400-1200 VOLTS 50-80 nsec ULTRA FAST RECTIFIER
More results

Similar Description - SDR4N

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
Ultra Fast Rectifier
RU0073D SSDI-RU0073D_15 Datasheet
81Kb / 2P
ULTRA FAST RECTIFIER
RU0081 SSDI-RU0081_15 Datasheet
318Kb / 2P
ULTRA FAST RECTIFIER
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
ULTRA FAST RECTIFIER
logo
Jinan Jing Heng Electro...
UF4001 JINGHENG-UF4001 Datasheet
63Kb / 2P
ULTRA FAST RECTIFIER
logo
Inchange Semiconductor ...
DSEP40-03AS ISC-DSEP40-03AS Datasheet
278Kb / 2P
Ultra fast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com