Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR4N Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR4N
Description  ULTRA FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR4N Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR4N Datasheet HTML 1Page - Solid States Devices, Inc SDR4N Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR4G - SDR4N
and
SDR4GSMS – SDR4NSMS
Electrical Characteristics
Part Type
Symbol
Max
Units
Instantaneous Forward Voltage Drop
(IF = 3 Adc, TA = 25ºC, 300 µs pulse)
SDR2G – J
SDR2K – N
VF
1.9
2.1
Vdc
Instantaneous Forward Voltage Drop
(IF = 3 Adc, TA = -55ºC, 300 µs pulse)
SDR2G – J
SDR2K – N
VF
2.1
2.3
Vdc
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300 µs pulse minimum)
IR
5
μA
Reverse Leakage Current
(Rated VR, TA = 100ºC, 300 µs pulse minimum)
IR
0.5
μA
Junction Capacitance
(VR = 10 Vdc, TA = 25ºC, f = 1MHz)
CJ
40
pF
Reverse Recovery Time
(IF = 500 mA, IR = 1A, IRR = 0.25A, TA = 25ºC)
SDR2G – J
SRS1K
SRS1M
SRS1N
trr
50
60
70
80
nsec
Case Outline: (Axial)
B
ØC
ØA
D
D
DIMENSIONS
DIM
MIN
MAX
A
.120”
.180”
B
.130”
.230”
C
.047”
.053”
D
1.00”
---
Case Outline: Surface Mount (SMS)
C
B
A
A
D
Dimensions prior to solder dipping
DIMENSIONS
DIM
MIN
MAX
A
0.172”
0.180”
B
0.180”
0.280”
C
0.022”
0.028”
D
0.002”
––
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0015B
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com