Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM8L101G2U6 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM8L101G2U6
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101G2U6 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM8L101G2U6 Datasheet HTML 16Page - STMicroelectronics STM8L101G2U6 Datasheet HTML 17Page - STMicroelectronics STM8L101G2U6 Datasheet HTML 18Page - STMicroelectronics STM8L101G2U6 Datasheet HTML 19Page - STMicroelectronics STM8L101G2U6 Datasheet HTML 20Page - STMicroelectronics STM8L101G2U6 Datasheet HTML 21Page - STMicroelectronics STM8L101G2U6 Datasheet HTML 22Page - STMicroelectronics STM8L101G2U6 Datasheet HTML 23Page - STMicroelectronics STM8L101G2U6 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 81 page
background image
Pin description
STM8L101xx
20/81
Doc ID 15275 Rev 11
Table 3.
Legend/abbreviation for table 4
Type
I= input, O = output, S = power supply
Level
Input
CM = CMOS
Output
HS = high sink/source (20 mA)
Port and control
configuration
Input
float = floating, wpu = weak pull-up
Output
T = true open drain, OD = open drain, PP = push pull
Reset state
Bold X (pin state after reset release).
Unless otherwise specified, the pin state is the same during the reset phase (i.e.
“under reset”) and after internal reset release (i.e. at reset state).
Table 4.
STM8L101xx pin description
Pin number
Pin name
Input
Output
Alternate function
1
1
411
1NRST/PA1(2)
I/O
X
HS
X
X
Reset
PA1
2
2
522
2PA2
I/O X
XX
HS
X
X
Port A2
3
-
633
3PA3
I/O X
XX
HS
X
X
Port A3
-
-
-
4
4
4
PA4/TIM2_BKIN
I/O X
XX
HS
X
X
Port A4
Timer 2 - break input
-
-
-
5
-
5
PA5/TIM3_BKIN
I/O X
XX
HS
X
X
Port A5
Timer 3 - break input
-
3
-
-
5
6
PA6/COMP_REF
I/O X
XX
HS
X
X
Port A6
Comparator external
reference
4
4
766
7VSS
S
Ground
5
5
877
8VDD
S
Power supply
6
6
988
9
PD0/TIM3_CH2/
COMP1_CH3
I/O X
XX
HS
X
X
Port D0
Timer 3 - channel 2 /
Comparator 1 -
channel 3
--
-
9
9
10
PD1/TIM3_TRIG/
COMP1_CH4
I/O X
XX
HS
X
X
Port D1
Timer 3 - trigger /
Comparator 1 -
channel 4
--
-
10 10 11
PD2/
COMP2_CH3
I/O X
XX
HS
X
X
Port D2
Comparator 2 -
channel 3
--
-
11 11 12
PD3/
COMP2_CH4
I/O X
XX
HS
X
X
Port D3
Comparator 2 -
channel 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com