Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM8L101G2U6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM8L101G2U6
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash multifunction timers, comparators, USART, SPI, I2C
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101G2U6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM8L101G2U6 Datasheet HTML 3Page - STMicroelectronics STM8L101G2U6 Datasheet HTML 4Page - STMicroelectronics STM8L101G2U6 Datasheet HTML 5Page - STMicroelectronics STM8L101G2U6 Datasheet HTML 6Page - STMicroelectronics STM8L101G2U6 Datasheet HTML 7Page - STMicroelectronics STM8L101G2U6 Datasheet HTML 8Page - STMicroelectronics STM8L101G2U6 Datasheet HTML 9Page - STMicroelectronics STM8L101G2U6 Datasheet HTML 10Page - STMicroelectronics STM8L101G2U6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 81 page
background image
STM8L101xx
Introduction
Doc ID 15275 Rev 11
7/81
1
Introduction
This datasheet provides the STM8L101xx pinout, ordering information, mechanical and
electrical device characteristics.
For complete information on the STM8L101xx microcontroller memory, registers and
peripherals, please refer to the STM8L reference manual.
The STM8L101xx devices are members of the STM8L low power 8-bit family. They are
referred to as low-density devices in the STM8L101xx microcontroller family reference
manual (RM0013) and in the STM8L Flash programming manual (PM0054).
All devices of the SM8L product line provide the following benefits:
●
Reduced system cost
–
Up to 8 Kbytes of low-density embedded Flash program memory including up to
2 Kbytes of data EEPROM
–
High system integration level with internal clock oscillators and watchdogs.
–
Smaller battery and cheaper power supplies.
●
Low power consumption and advanced features
–
Up to 16 MIPS at 16 MHz CPU clock frequency
–
Less than 150 µA/MH, 0.8 µA in Active-halt mode, and 0.3 µA in Halt mode
–
Clock gated system and optimized power management
●
Short development cycles
–
Application scalability across a common family product architecture with
compatible pinout, memory map and modular peripherals.
–
Full documentation and a wide choice of development tools
●
Product longevity
–
Advanced core and peripherals made in a state-of-the art technology
–
Product family operating from 1.65 V to 3.6 V supply
2
Description
The STM8L101xx low power family features the enhanced STM8 CPU core providing
increased processing power (up to 16 MIPS at 16 MHz) while maintaining the advantages of
a CISC architecture with improved code density, a 24-bit linear addressing space and an
optimized architecture for low power operations.
The family includes an integrated debug module with a hardware interface (SWIM) which
allows non-intrusive in-application debugging and ultrafast Flash programming.
All STM8L101xx microcontrollers feature low power low-voltage single-supply program
Flash memory. The 8-Kbyte devices embed data EEPROM.
The STM8L101xx low power family is based on a generic set of state-of-the-art peripherals.
The modular design of the peripheral set allows the same peripherals to be found in different
ST microcontroller families including 32-bit families. This makes any transition to a different



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com