Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA6901K Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMA6901K
Description  High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6901K Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMA6901K Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6901K Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
MMA690xQ
Rev 2.0, 11/2010
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc. 2010. All rights reserved.
This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
High Accuracy Low g Inertial Sensor
MEMS Sensing, State Machine ASIC
The MMA690xQ is a dual axis, Low g, XY, Sensor based on Freescale’s
HARMEMS technology, with an embedded DSP ASIC, allowing for additional
processing of the digital signals.
Features
Sensitivity in X and Y axes
±3.5 or ±5.0g full-scale range per axis
AEC-Q100 qualified, Rev. G, grade 2 (-40
≤ TA ≤ 105 °C)
50 Hz second order low-pass filter
Unsigned 11-bits digital data output
SPI-compatible serial interface
Capture/hold input for system-wide synchronization support
3.3 or 5.0V single supply operation
On-chip temperature sensor and voltage regulator
Bi-directional internal self-test
Minimal external component requirements
Pb-free 16-pin QFN package
Pulse-code modulated output available for device evaluation
Typical Applications
With a ±3.5g or ±5.0g full scale range, the newly designed, high accuracy
sensor, enables Electronic Stability Control (ESC) designers to
accommodate higher original signal noise level without sacrificing resolution.
Tilt Measurement
Electronic Parking Brake
ORDERING INFORMATION
Device Name
Range
Shipping
MMA6900(K)Q
±3.5 g
Tubes
MMA6901(K)Q
±5.0 g
MMA6900(K)QR2
±3.5 g
Tape and Reel
MMA6901(K)QR2
±5.0 g
“K” suffix indicates the device is manufactured with an alternate silicon sourcing
CREF
VSS
CAP/HOLD
DIN
VPP
CREF
VCC
1
2
3
4
5
6
7
8
12
11
10
9
16 15 14 13
PCM_Y
MMA690xQ
DUAL AXIS SPI
INERTIAL SENSOR
16-PIN QFN
98ASA10571D
CASE 1477-02
PIN CONNECTIONS
Bottom View
Top View


Similar Part No. - MMA6901K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA6901KQ NXP-MMA6901KQ Datasheet
844Kb / 37P
High Accuracy Low g Inertial Sensor
Rev. 5, 08/2012
MMA6901KQR2 NXP-MMA6901KQR2 Datasheet
844Kb / 37P
High Accuracy Low g Inertial Sensor
Rev. 5, 08/2012
More results

Similar Description - MMA6901K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS3L02AQ3 STMICROELECTRONICS-LIS3L02AQ3 Datasheet
258Kb / 13P
MEMS INERTIAL SENSOR: 3-Axis - ®g/®g LINEAR ACCELEROMETER
May-2005
LIS2L02AS4 STMICROELECTRONICS-LIS2L02AS4 Datasheet
231Kb / 14P
MEMS INERTIAL SENSOR: 2-Axis - ±2g/±6g LINEAR ACCELEROMETER
01-Dec-2005
LIS2L02AL STMICROELECTRONICS-LIS2L02AL_06 Datasheet
198Kb / 17P
MEMS INERTIAL SENSOR:2-axis - /-2g ultracompact linear accelerometer
03-May-2006
AIS326DQ STMICROELECTRONICS-AIS326DQ Datasheet
662Kb / 49P
MEMS inertial sensor 3-axis, low g accelerometer with digital output
20-Aug-2008
LIS344AL STMICROELECTRONICS-LIS344AL Datasheet
170Kb / 15P
MEMS inertial sensor 3-axis ultracompact linear accelerometer
17-Dec-2007
logo
Freescale Semiconductor...
MMA6700EG FREESCALE-MMA6700EG Datasheet
143Kb / 8P
High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
logo
STMicroelectronics
LIS332AX STMICROELECTRONICS-LIS332AX Datasheet
219Kb / 14P
MEMS inertial sensor: 3-axis ±2 g absolute analog-output ultracompact accelerometer
02-Feb-2010
LIS352AX STMICROELECTRONICS-LIS352AX Datasheet
253Kb / 15P
MEMS inertial sensor: 3-axis ±2 g absolute analog-output "piccolo" accelerometer
26-Mar-2009
logo
Freescale Semiconductor...
MMA690XKQ FREESCALE-MMA690XKQ Datasheet
357Kb / 37P
High Accuracy Low g Inertial Sensor
logo
NXP Semiconductors
MMA690XKQ NXP-MMA690XKQ Datasheet
844Kb / 37P
High Accuracy Low g Inertial Sensor
Rev. 5, 08/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com