Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M95512-D-RMB3TP/AB Datasheet(PDF) 27 Page - STMicroelectronics

Part # M95512-D-RMB3TP/AB
Description  512 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95512-D-RMB3TP/AB Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M95512-D-RMB3TP/AB Datasheet HTML 23Page - STMicroelectronics M95512-D-RMB3TP/AB Datasheet HTML 24Page - STMicroelectronics M95512-D-RMB3TP/AB Datasheet HTML 25Page - STMicroelectronics M95512-D-RMB3TP/AB Datasheet HTML 26Page - STMicroelectronics M95512-D-RMB3TP/AB Datasheet HTML 27Page - STMicroelectronics M95512-D-RMB3TP/AB Datasheet HTML 28Page - STMicroelectronics M95512-D-RMB3TP/AB Datasheet HTML 29Page - STMicroelectronics M95512-D-RMB3TP/AB Datasheet HTML 30Page - STMicroelectronics M95512-D-RMB3TP/AB Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
M95512-W, M95512-R
Instructions
Doc ID 11124 Rev 13
27/48
6.9
Read Lock Status (available only in M95512-DR devices)
The Read Lock Status instruction (see Table 4) allows to check if the Identification Page is
locked (or not) in read-only mode. The Read Lock Status sequence is defined with the Chip
Select (S) first driven low. The bits of the instruction byte and address bytes are then shifted
in on Serial Data input (D). Address bit A10 must be 1, all other address bits are Don't Care.
The Lock bit is the LSB (least significant bit) of the byte read on Serial Data output (Q). It is
at ‘1’ when the lock is active and at ‘0’ when the lock is not active. If Chip Select (S)
continues to be driven low, the same data byte is shifted out. The read cycle is terminated by
driving Chip Select (S) high.
The instruction sequence is shown in Figure 17.
Figure 17.
Read Lock Status sequence
6.10
Lock ID (available only in M95512-DR devices)
The Lock ID instruction permanently locks the Identification Page in read-only mode. Before
this instruction can be accepted, a Write Enable (WREN) instruction must have been
executed. The Lock ID instruction is issued by driving Chip Select (S) low, sending the
instruction code, the address and a data byte on Serial Data input (D), and driving Chip
Select (S) high. In the address sent, A10 must be equal to 1, all other address bits are Don't
Care. The data byte sent must be equal to the binary value xxxx xx1x, where x = Don't Care.
Chip Select (S) must be driven high after the rising edge of Serial Clock (C) that latches in
the eighth bit of the data byte, and before the next rising edge of Serial Clock (C). Otherwise,
the Lock ID instruction is not executed.
Driving Chip Select (S) high at a byte boundary of the input data triggers the self-timed write
cycle whose duration is tW (specified in Table 17 and Table 18). The instruction sequence is
shown in Figure 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com