Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M95512-D-RMB3TP/AB Datasheet(PDF) 21 Page - STMicroelectronics

Part # M95512-D-RMB3TP/AB
Description  512 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95512-D-RMB3TP/AB Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M95512-D-RMB3TP/AB Datasheet HTML 17Page - STMicroelectronics M95512-D-RMB3TP/AB Datasheet HTML 18Page - STMicroelectronics M95512-D-RMB3TP/AB Datasheet HTML 19Page - STMicroelectronics M95512-D-RMB3TP/AB Datasheet HTML 20Page - STMicroelectronics M95512-D-RMB3TP/AB Datasheet HTML 21Page - STMicroelectronics M95512-D-RMB3TP/AB Datasheet HTML 22Page - STMicroelectronics M95512-D-RMB3TP/AB Datasheet HTML 23Page - STMicroelectronics M95512-D-RMB3TP/AB Datasheet HTML 24Page - STMicroelectronics M95512-D-RMB3TP/AB Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
M95512-W, M95512-R
Instructions
Doc ID 11124 Rev 13
21/48
The protection features of the device are summarized in Table 6.
When the Status Register Write Disable (SRWD) bit of the Status Register is 0 (its initial
delivery state), it is possible to write to the Status Register (provided that the WEL bit has
previously been set by a WREN instruction), regardless of the logic level applied on the
Write Protect (W) input pin.
When the Status Register Write Disable (SRWD) bit of the Status Register is set to 1, two
cases need to be considered, depending on the state of Write Protect (W) input pin:
If Write Protect (W) is driven high, it is possible to write to the Status Register (provided
that the WEL bit has previously been set by a WREN instruction.
If Write Protect (W) is driven low, it is not possible to write to the Status Register even if
the WEL bit has previously been set by a WREN instruction (attempts to write to the
Status Register are rejected, and are not accepted for execution). As a consequence,
all the data bytes in the memory area that are software-protected (SPM) by the Block
Protect (BP1, BP0) bits in the Status Register, are also hardware-protected against
data modification.
Regardless of the order of the two events, the Hardware-protected mode (HPM) can be
entered either:
by setting the SRWD bit after driving the Write Protect (W) input pin low
or by driving the Write Protect (W) input pin low after setting the SRWD bit
Once entered, the Hardware-protected mode (HPM) can only be exited by pulling Write
Protect (W) high.
If Write Protect (W) is permanently tied high, the Hardware-protected mode (HPM) can
never be activated, and only the Software-protected mode (SPM) using the Block Protect
(BP1, BP0) bits in the Status Register, can be used.
Table 6.
Protection modes
W
Signal
SRWD
Bit
Mode
Write Protection of the
Status Register
Memory content
Protected area(1)
1.
As defined by the values in the Block Protect (BP1, BP0) bits of the Status Register, as shown in Table 2.
Unprotected area(1)
10
Software
Protected
(SPM)
Status Register is Writable
(if the WREN instruction
has set the WEL bit)
The values in the BP1 and
BP0 bits can be changed
Write Protected
Ready to accept
Write instructions
00
11
01
Hardware
Protected
(HPM)
Status Register is
Hardware write protected
The values in the BP1 and
BP0 bits cannot be
changed
Write Protected
Ready to accept
Write instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com