Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN13 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # SN13
Description  SURFACE MOUNT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SN13 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  SN13 Datasheet HTML 1Page - EIC discrete Semiconductors SN13 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SN1A - SN13
SURFACE MOUNT RECTIFIERS
PRV : 50 - 1300 Volts
Io : 1.0 Ampere
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
MECHANICAL DATA :
* Case : SMA Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.067 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
2.0
± 0.2
2.1
± 0.2
SMA (DO-214AC)
1.2
± 0.2
2.6
± 0.15
Dimensions in millimeter
1.1
± 0.3
0.2
± 0.07
SYMBOL SN1A
SN1B
SN1D
SN1G
SN1J
SN1K
SN1M
SN13
UNIT
Maximum Repetitive Peak Reverse VoltageVRRM
50
100
200
400
600
800
1000
1300V
Maximum RMS VoltageVRMS
35
70
140
280
420
560
700
1000V
Maximum DC Blocking VoltageVDC
50
100
200
400
600
800
1000
1300V
Maximum Average Forward Current Ta = 75
°C
IF
1.0A
Peak Forward Surge Current
8.3ms Single half sine wave Superimposed
on rated load (JEDEC Method)
Maximum Forward Voltage at IF = 1.0 Amp.VF
1.0V
Maximum DC Reverse Current
Ta = 25
°C
IR
2.0
µA
at rated DC Blocking Voltage
Ta = 100
°C
IR(H)
50
µA
Typical Reverse Recovery Time
(IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.)
Typical Junction Capacitance (Note1)C J
30
pF
Junction Temperature RangeTJ
- 65 to + 175
°C
Storage Temperature RangeTSTG
- 65 to + 175
°C
Note :
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0VDC
Page 1 of 2
Rev. 02 : March 25, 2005
Trr
2.0
µs
RATING
IFSM
30A
* Pb / RoHS Free


Similar Part No. - SN13

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SN13 GOOD-ARK-SN13 Datasheet
196Kb / 2P
SURFACE MOUNT GENERAL PURPOSE PLASTIC RECTIFIER
logo
Kemet Corporation
SN13-300 KEMET-SN13-300 Datasheet
79Kb / 1P
KEMET, SN, AC Line Filters, Normal Mode, 51 uH, MIN
SN13-300 KEMET-SN13-300 Datasheet
784Kb / 13P
Differential Mode SN Coils, Standard Series
SN13-400 KEMET-SN13-400 Datasheet
79Kb / 1P
KEMET, SN, AC Line Filters, Normal Mode, 92 uH, MIN
SN13-400 KEMET-SN13-400 Datasheet
784Kb / 13P
Differential Mode SN Coils, Standard Series
More results

Similar Description - SN13

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SynSemi, Inc.
S3A SYNSEMI-S3A Datasheet
31Kb / 2P
SURFACE MOUNT RECTIFIERS
SN2A SYNSEMI-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
ES3HB SAMYANG-ES3HB Datasheet
512Kb / 2P
SURFACE MOUNT RECTIFIERS
UF2AA SAMYANG-UF2AA Datasheet
456Kb / 2P
SURFACE MOUNT RECTIFIERS
UF3A SAMYANG-UF3A Datasheet
462Kb / 2P
SURFACE MOUNT RECTIFIERS
RS2AA SAMYANG-RS2AA_V01 Datasheet
412Kb / 2P
SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com