Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN13 Datasheet (PDF) - GOOD-ARK Electronics

SN13 Datasheet PDF - GOOD-ARK Electronics
Part # SN13
Download  SN13 Download

File Size   196.58 Kbytes
Page   2 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description SURFACE MOUNT GENERAL PURPOSE PLASTIC RECTIFIER

SN13 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN13 Datasheet PDF - GOOD-ARK Electronics

Part # SN13
Download  SN13 Click to download

File Size   196.58 Kbytes
Page   2 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description SURFACE MOUNT GENERAL PURPOSE PLASTIC RECTIFIER

SN13 Datasheet (HTML) - GOOD-ARK Electronics

SN13 Datasheet HTML 1Page - GOOD-ARK Electronics SN13 Datasheet HTML 2Page - GOOD-ARK Electronics

SN13 Product details

Reverse Voltage - 50 to 1300 Volts

Forward Current -  1.0 Ampere



Features

• For surface mounted applications

• Low profile package

• Built-in strain relief

• Easy pick and place

• Plastic package has Underwriters Laboratory

  Flammability Classification 94V-0

• High temperature soldering: 260°C /10 seconds at terminals



 




Similar Part No. - SN13

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN13 EIC-SN13 Datasheet
57Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Kemet Corporation
SN13-300 KEMET-SN13-300 Datasheet
79Kb / 1P
   KEMET, SN, AC Line Filters, Normal Mode, 51 uH, MIN
SN13-300 KEMET-SN13-300 Datasheet
784Kb / 13P
   Differential Mode SN Coils, Standard Series
SN13-400 KEMET-SN13-400 Datasheet
79Kb / 1P
   KEMET, SN, AC Line Filters, Normal Mode, 92 uH, MIN
SN13-400 KEMET-SN13-400 Datasheet
784Kb / 13P
   Differential Mode SN Coils, Standard Series
More results


Similar Description - SN13

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SNOA GOOD-ARK-SNOA Datasheet
191Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE PLASTIC RECTIFIER
SN3A GOOD-ARK-SN3A Datasheet
197Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE PLASTIC RECTIFIER
logo
Central Semiconductor C...
CXR1-04 CENTRAL-CXR1-04 Datasheet
99Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
GS3ABQ YANGJIE-GS3ABQ Datasheet
764Kb / 4P
   Surface Mount General Purpose Rectifier
GS5AQ YANGJIE-GS5AQ Datasheet
215Kb / 4P
   Surface Mount General Purpose Rectifier
GS1A YANGJIE-GS1A Datasheet
360Kb / 4P
   Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1AW PANJIT-GS1AW Datasheet
113Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
G1AQ YANGJIE-G1AQ Datasheet
219Kb / 5P
   Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1AWG PANJIT-GS1AWG Datasheet
117Kb / 5P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
GS1AWZ PANJIT-GS1AWZ Datasheet
109Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
More results




About GOOD-ARK Electronics


GOOD-ARK Electronics is a multinational company based in Taiwan that specializes in the design, development, and production of diodes, rectifiers, and transient voltage suppressors (TVS) for various applications. The company was founded in 1990 and has since expanded globally, with subsidiaries and sales offices in Asia, Europe, and the Americas.

GOOD-ARK Electronics' product portfolio includes a wide range of diodes, including standard, high-voltage, high-current, and ultrafast types, as well as TVS devices for ESD and surge protection. The company's products are used in various industries, such as automotive, consumer electronics, telecommunications, and industrial automation.

GOOD-ARK Electronics is committed to quality, reliability, and innovation, and it has obtained numerous certifications, such as ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and stringent quality control processes ensure that its products meet the highest standards of performance and reliability.

GOOD-ARK Electronics is recognized as one of the leading diode manufacturers in the world, with a strong reputation for providing high-quality and cost-effective solutions to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com