Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST6285B Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST6285B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6285B Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST6285B Datasheet HTML 34Page - STMicroelectronics ST6285B Datasheet HTML 35Page - STMicroelectronics ST6285B Datasheet HTML 36Page - STMicroelectronics ST6285B Datasheet HTML 37Page - STMicroelectronics ST6285B Datasheet HTML 38Page - STMicroelectronics ST6285B Datasheet HTML 39Page - STMicroelectronics ST6285B Datasheet HTML 40Page - STMicroelectronics ST6285B Datasheet HTML 41Page - STMicroelectronics ST6285B Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 78 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
38/78
ST62T85B/E85B
Figure 19. Peripheral Interface Configuration of Serial I/O TImer 1, ARTimer
PA7/Sout
PA6/Sin
PA5/SCL
PA4/TIM1
VR01661H
IN
OUT
TIMER1
CLOCK
IN
SPI
OUT
DR
DR
MUX
0
1
DR
PP/OD
PP/OD
MUX 1
0
DR
OPR
OPR
VDD
PB0/RXD1
PID
0
MUX
1
PB1/TXD1
VDD
DR
RXD
UART
IARTOE
TXD
PID
DR
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com