Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST6285B Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST6285B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6285B Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST6285B Datasheet HTML 26Page - STMicroelectronics ST6285B Datasheet HTML 27Page - STMicroelectronics ST6285B Datasheet HTML 28Page - STMicroelectronics ST6285B Datasheet HTML 29Page - STMicroelectronics ST6285B Datasheet HTML 30Page - STMicroelectronics ST6285B Datasheet HTML 31Page - STMicroelectronics ST6285B Datasheet HTML 32Page - STMicroelectronics ST6285B Datasheet HTML 33Page - STMicroelectronics ST6285B Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 78 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
30/78
ST62T85B/E85B
INTERRUPTS (Cont’d)
Figure 16. Interrupt Block Diagram
PORT A
PBE
VDD
FROM REGISTER PORT A,B,C
SINGLE BIT ENABLE
FF
CLK
Q
CLR
I0 Start
INT #0 NMI (FFC,D))
INT #2 (FF4,5)
NMI
PORT B
Bits
SPI
FF
CLK
Q
CLR
0
MUX
1
I1 Start
IOR bit 6 (LES)
PBE
FF
CLK
Q
CLR
IOR bit 5 (ESB)
I2 Start
INT #1 (FF6,7)
INT #3 (FF2,3)
INT #4 (FF0,1)
IOR bit 4(GEN)
PORT C
TMZ
ETI
OVF
OVIE
EAI
EOC
RESTART
STOP/WAIT
FROM
PBE
TIMER1
ARTIMER
A/D CONVERTER
CPF
CPIE
RXRDY
RXIEN
TXMT
TXIEN
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com