Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER155 Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # HER155
Description  HIGH EFFICIENCY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

HER155 Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  HER155 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. HER155 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH EFFICIENCY RECTIFIER
VOLTAGE RANGE
50 to 1000 Volts
HER151 THRU HER158
CURRENT
1.5Ampere
Web Site:
FEATURES
•
Low coat construction
•
Fast switching for high efficency.
•
Low reverse leakage
•
High forward surge current capability
•
High temperature soldering guaranteed:
260℃/10 secods/.375”(9.5mm)lead length at 5 lbs(2.3kg) tension
MECHANICAL DATA
•
Case: Transfer molded plastic
•
Epoxy: UL94V-O rate flame retardant
•
Polarity: Color band denotes cathode end
•
Lead: Plated axial lead, solderable per MIL-STD-202E method 208C
•
Mounting position: Any
•
Weight: 0.014ounce, 0.39 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25
OC ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
HER
151
HER
152
HER
153
HER
154
HER
155
HER
156
HER
157
HER
158
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
800
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
0.375”(9.5mm) lead length at TA= 50℃
I(AV)
1.0
Amp
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
50
Amps
Maximum Instantaneous Forward Voltage @ 1.5A
VF
1.0
1.3
1.5
1.7
Volts
TA = 25℃
5.0
Maximum DC Reverse Current at Rated
DC Blocking Voltage
TA = 125℃
IR
250
µA
Maximum Full Load Recovery Current,full cycle
average 0.375”(9.5mm)lead length at TL=55℃
IR(AV)
100
µA
Maximum Reverse Recovery Time
Test conditions IF=0.5A,IR=01.0A,IRR=0.25A
trr
50
75
ns
Typical Thermal Resistance (NOTE 2)
CJ
30
20
PF
Typical Thermal Resistance(NOTE 1)
RθJA
40
℃
/W
Operating Junction Temperature Range
TJ
(-55 to +150)
℃
Storage Temperature Rrange
TSTG
(-55 to +150)
℃
Notes:
1. Thermal resistance from junction to ambient with .375”(9.5mm)lead length, PCB. mounted.
2. Measured at 1 MHz and applied reverse of 4.0 volts.
DO-15
DIA.
.034(0.9)
.028(0.7)
DIA.
.140(3.6)
.104(2.6)
.300(7.6)
.230(5.8)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
Dimensions in inches and (millimeters)
WWW.PS-PFS.COM


Similar Part No. - HER155

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER155 WTE-HER155 Datasheet
48Kb / 3P
1.5A HIGH EFFICIENCY RECTIFIER
logo
Jinan Gude Electronic D...
HER155 JGD-HER155 Datasheet
175Kb / 2P
1.5 AMPS.HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER155 BYTES-HER155 Datasheet
154Kb / 2P
1.5 AMP HIGH EFFICIENCY RECTIFIERS
logo
Shanghai Lunsure Electr...
HER155 CHENYI-HER155 Datasheet
160Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Dc Components
HER155 DCCOM-HER155 Datasheet
485Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER155

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
High Efficiency Rectifier
logo
List of Unclassifed Man...
HER201 ETC2-HER201 Datasheet
119Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com