Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER201 Datasheet (PDF) - Jinan Jing Heng Electronics Co., Ltd.

HER201 Datasheet PDF - Jinan Jing Heng Electronics Co., Ltd.
Part # HER201
Download  HER201 Download

File Size   62.69 Kbytes
Page   2 Pages
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.
Description HIGH EFFICIENCY RECTIFIER

HER201 Datasheet (PDF)

Go To PDF Page Download Datasheet
HER201 Datasheet PDF - Jinan Jing Heng Electronics Co., Ltd.

Part # HER201
Download  HER201 Click to download

File Size   62.69 Kbytes
Page   2 Pages
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.
Description HIGH EFFICIENCY RECTIFIER

HER201 Datasheet (HTML) - Jinan Jing Heng Electronics Co., Ltd.

HER201 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. HER201 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.

HER201 Product details

Reverse Voltage: 50 to 1000 Volts
Forward Current:2.0Amperes

FEATURES
• Plastic package has Underwriters Laboratory Flammability
   Classification 94V-0
• Low power loss, high efficiency
• High surge current capability
• High speed switching, Low leakage
• Low forward voltage drop
• High current capability, High reliability
• High temperature soldering guaranteed:260 °C/10 seconds at terminals
• Component in accordance to RoHS 2011/65/EU




Similar Part No. - HER201

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER201 WTE-HER201 Datasheet
49Kb / 3P
   2.0A HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
HER201 LUGUANG-HER201 Datasheet
1Mb / 2P
   2.0 AMP. High Efficient Rectifiers
logo
Rugao Dachang Electroni...
HER201 DACHANG-HER201 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
logo
Micro Commercial Compon...
HER201 MCC-HER201 Datasheet
310Kb / 2P
   2.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
First Silicon Co., Ltd
HER201 FS-HER201 Datasheet
561Kb / 2P
   High Efficiency Rectifiers Reverse Voltage 50V~1000 Volts , Forward Current 2.0 Ampers
More results


Similar Description - HER201

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
   High Efficiency Rectifier
logo
Diode Semiconductor Kor...
RN3ZZ DSK-RN3ZZ Datasheet
279Kb / 2P
   HIGH EFFICIENCY RECTIFIER
RU20AZ DSK-RU20AZ Datasheet
237Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com