Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR607 Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # FR607
Description  FAST RECOVER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

FR607 Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  FR607 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. FR607 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FAST RECOVER RECTIFIER
VOLTAGE RANGE
50 to 1000 Volts
FR601 THRU FR607
CURRENT
6.0Ampere
Web Site:
FEATURES
•
Low coat construction
•
Fast switching for high efficency.
•
Low reverse leakage
•
High forward surge current capability
•
High temperature soldering guaranteed:
260℃/10 secods/.375”(9.5mm)lead length at 5 lbs(2.3kg) tension
MECHANICAL DATA
•
Case: Transfer molded plastic
•
Epoxy: UL94V-O rate flame retardant
•
Polarity: Color band denotes cathode end
•
Lead: Plated axial lead, solderable per MIL-STD-202E method 208C
•
Mounting position: Any
•
Weight: 0.042ounce, 1.19 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25
OC ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
FR
601
FR
602
FR
603
FR
604
FR
605
FR
606
FR
607
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
0.375”(9.5mm) lead length at TA= 75℃
I(AV)
6.0
Amp
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
300
Amps
Maximum Instantaneous Forward Voltage @ 6.0A
VF
1.3
Volts
TA = 25℃
10
Maximum DC Reverse Current at Rated
DC Blocking Voltage
TA = 100℃
IR
500
µA
Maximum Reverse Recovery Time (Note 3) TJ=25℃
trr
150
250
500
ns
Typical Junction Capacitance (Note 1)
CJ
150
pF
Typical Thermal Resistance (Note 2)
RθJA
10
℃
/W
Operating Junction Temperature Range
TJ
(-55 to +150)
℃
Storage Temperature Range
TSTG
(-55 to +150)
℃
Notes:
1.Measured at 1.0MHz and Applied Reverse Voltage of 4.0Volits.
2 Thermal Resistance from junction to Ambient at .375”(9.5mm)lead length, P.C.board mounted.
3.Reverse Recovery Test Conditions:If=0.5mA,Ir=1.0mA,Irr=0.25A
R-6
DIA.
.052(1.3)
.048(1.2)
DIA.
.360(9.1)
.340(8.6)
.360(9.1)
.340(8.6)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
Dimensions in inches and (millimeters)
WWW.PS-PFS.COM


Similar Part No. - FR607

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR607 WTE-FR607 Datasheet
51Kb / 3P
6.0A FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
FR607 RECTRON-FR607 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
logo
Jinan Gude Electronic D...
FR607 JGD-FR607 Datasheet
144Kb / 2P
6.0 AMPS. FAST RECOVERY RECTIFIERS
logo
Bytes
FR607 BYTES-FR607 Datasheet
152Kb / 2P
6.0 AMP FAST RECOVERY RECTIFIERS
logo
Dc Components
FR607 DCCOM-FR607 Datasheet
414Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results

Similar Description - FR607

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
1N4933 MIC-1N4933 Datasheet
47Kb / 2P
FAST RECOVER RECTIFIER
BY296 MIC-BY296 Datasheet
50Kb / 2P
FAST RECOVER RECTIFIER
FR151 MIC-FR151 Datasheet
50Kb / 2P
FAST RECOVER RECTIFIER
FR251 MIC-FR251 Datasheet
49Kb / 2P
FAST RECOVER RECTIFIER
FR601S MIC-FR601S Datasheet
50Kb / 2P
FAST RECOVER RECTIFIER
logo
Shenzhen Ping Sheng Ele...
FM4001 PFS-FM4001 Datasheet
184Kb / 2P
FAST RECOVER RECTIFIER
BY296 PFS-BY296 Datasheet
164Kb / 2P
FAST RECOVER RECTIFIER
FR151 PFS-FR151 Datasheet
164Kb / 2P
FAST RECOVER RECTIFIER
FR301 PFS-FR301 Datasheet
163Kb / 2P
FAST RECOVER RECTIFIER
1N4942 PFS-1N4942 Datasheet
169Kb / 2P
FAST RECOVER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com