Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR607 Datasheet(PDF) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # FR607
Description  FAST RECOVER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

FR607 Datasheet(HTML) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  FR607 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. FR607 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FAST RECOVER RECTIFIER
VOLTAGE RANGE
50 to 1000 Volts
FR601 THRU FR607
CURRENT
6.0Ampere
Web Site:
6.0
CHARACTERISTICS
FIG.4-TYPICAL REVERSE
DERATING CURVE
FIG.1-TYPICAL FORWARD CURRENT
150
175
125
75
100
4.0
50
2.0
0
0
Single Phase
Inductive Load
Half Wave 60Hz
Resistive or
25
AMBIENT TEMPERATURE, (
° C)
100
1000
100
FIG.5-TYPICAL JUNCTION CAPACITANCE
10
1.0
0.1
10
REVERSE VOLTAGE,(V)
TJ=25
° C F=1MHz
0.375"(9.5mm)Lead Length
Vsig=50mVp-p
RATING AND CHRACTERISTIC CURVES FR601 THRU FR607
0.01
j
T =25
° C
120
140
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
0
20
0.1
1.0
100
60
40
80
10
T =100
° C
100
2.0
1.8
1.6
INSTANTANEOUS FORWARD VOLTAGE,(V)
0.1
1.0
10
Pulse Width=300us
1% Duty Cycle
0.6
0.8
1.0
1.2
Tj =25
° C
1.4
FORWARD CHARACTERISTICS
FIG.3-TYPICAL INSTANTANEOUS
1000
80
4
6
40
FORWARD SURGE CURRENT
(JEDEC Method) Tj=Tjmax
8.3ms Single Half Sine-Wave
NUMBER OF CYCLES AT 60 Hz
0
1
200
300
28
10
20
60
100
FIG.2-MAXIMUM NON-REPETITIVE PEAK
20
j
100
70
60
50
30
40
20
10
0
0
0.2
0.4
0.6
0.8
1.0
FIG.6-TYPICAL THERMAL RESISTANCE
VS LEAD LENGTH
Single Lead to heat Sinl
Insignificant Heat Flow
Throrgh Other Lead
Both Leads to Heat Sinl,
Equal Length
1 Cycle
)
IN
(
SINK
EQUAL LEAD LENGTH TO HEAT
WWW.PS-PFS.COM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com