Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TOPP244R Datasheet(PDF) 23 Page - Power Integrations, Inc.

Part # TOPP244R
Description  Family Extended Power, Design Flexible,Integrated Off-line Switcher
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOPP244R Datasheet(HTML) 23 Page - Power Integrations, Inc.

Back Button TOPP244R Datasheet HTML 19Page - Power Integrations, Inc. TOPP244R Datasheet HTML 20Page - Power Integrations, Inc. TOPP244R Datasheet HTML 21Page - Power Integrations, Inc. TOPP244R Datasheet HTML 22Page - Power Integrations, Inc. TOPP244R Datasheet HTML 23Page - Power Integrations, Inc. TOPP244R Datasheet HTML 24Page - Power Integrations, Inc. TOPP244R Datasheet HTML 25Page - Power Integrations, Inc. TOPP244R Datasheet HTML 26Page - Power Integrations, Inc. TOPP244R Datasheet HTML 27Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
TOP242-249
23
August 8, 2000
E
7/01
A High Efficiency, 250 W, 250 – 380 VDC Input Power Supply
The circuit shown in figure 43 delivers 250 W (48 V @ 5.2 A)
at 84% efficiency using a TOP249 from a 250 to 380 VDC
input. DC input is shown, as typically at this power level a p.f.c.
boost stage would preceed this supply, providing the DC input
(C1 is included to provide local decoupling). Flyback topology
is still useable at this power level due to the high output voltage,
keeping the secondary peak currents low enough so that the
output diode and capacitors are reasonably sized.
In this example the TOP249 is at the upper limit of its power
capability and the current limit is set to the internal maximum
by connecting the X pin to SOURCE. However, line sensing is
implemented by connecting a 2 M
Ω resistor from the L pin to
the DC rail. If the DC input rail rises above 450 VDC, then
TOPSwitch-GX will stop switching until the voltage returns to
normal, preventing device damage.
Due to the high primary current, a low leakage inductance
transformer is essential. Therefore, a sandwich winding with a
copper foil secondary was used. Even with this technique the
leakage inductance energy is beyond the power capability of a
simple Zener clamp. Therefore, R2, R3 and C6 are added in
parallel to VR1. These have been sized such that during normal
operation very little power is dissipated by VR1, the leakage
energy instead being dissipated by R2 and R3. However, VR1
is essential to limit the peak drain voltage during start-up and/
or overload conditions to below the 700 V rating of the
TOPSwitch-GX MOSFET.
The secondary is rectifed and smoothed by D2 and C9, C10 and
C11. Three capacitors are used to meet the secondary ripple
current requirement. Inductor L2 and C12 provide switching
noise filtering.
A simple Zener sensing chain regulates the output voltage. The
sum of the voltage drop of VR2, VR3 and VR4 plus the LED
drop of U2 gives the desired output voltage. Resistor R6 limits
LED current and sets overall control loop DC gain. Diode D4
and C14 provide secondary soft-finish, feeding current into the
CONTROL pin prior to output regulation and thus ensuring that
the output voltage reaches regulation at start-up under low line,
full load conditions. Resistor R9 provides a discharge path for
C14. Capacitor C13 and R8 provide control loop compensation
and are required due to the gain associated with such a high
output voltage.
Sufficient heat sinking is required to keep the TOPSwitch-GX
device below 110
°C when operating under full load, low line
and maximum ambient temperature. Airflow may also be
required if a large heat sink area is not acceptable.
Figure 43. 250 W, 48 V Power Supply using TOP249.
48 V @ 5.2 A
+250 - 380 VDC
0V
L
D
SX
F
C
RTN
PI-2692-033001
All resistor 1/8 W 5% unless
otherwise stated.
CONTROL
TOPSwitch-GX
C1
22
µF
400 V
C3
0.1
µF
50 V
R4
6.8
Ω
R6
100
Ω
R8
56
Ω
R9
10 k
Ω
C3
47
µF
10 V
C6
4.7 nF
1 kV
C13
150 nF
63 V
C4
1
µF
50 V
C14
22
µF
63 V
C9
560
µF
63 V
C10
560
µF
63 V
C11
560
µF
63 V
C12
68
µF
63 V
C7
2.2 nF Y1
L2
3
µH 8A
D2
MUR1640CT
D2
1N4148
U2
LTV817A
D1
BYV26C
T1
R1
2 M
Ω
1/2 W
R3
68 k
Ω
2 W
R2
68 k
Ω
2 W
VR1
P6KE200
VR2 22 V
BZX79B22
VR3 12 V
BZX79B12
VR4 12 V
BZX79B12
CONTROL
D4
1N4148
PERFORMANCE SUMMARY
Output Power:
250 W
Line Regulation:
± 1%
Load Regulation:
± 5%
Efficiency:
≥ 85%
Ripple:
< 100 mV pk-pk
No Load Consumption:
≤ 1.4 W (300 VDC)
TOP249Y
U1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com