Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TOPP244R Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # TOPP244R
Description  Family Extended Power, Design Flexible,Integrated Off-line Switcher
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOPP244R Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button TOPP244R Datasheet HTML 17Page - Power Integrations, Inc. TOPP244R Datasheet HTML 18Page - Power Integrations, Inc. TOPP244R Datasheet HTML 19Page - Power Integrations, Inc. TOPP244R Datasheet HTML 20Page - Power Integrations, Inc. TOPP244R Datasheet HTML 21Page - Power Integrations, Inc. TOPP244R Datasheet HTML 22Page - Power Integrations, Inc. TOPP244R Datasheet HTML 23Page - Power Integrations, Inc. TOPP244R Datasheet HTML 24Page - Power Integrations, Inc. TOPP244R Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
TOP242-249
21
August 8, 2000
E
7/01
Figure 41. 30 W Power Supply using External Current Limit Programming and Line Sensing for UV and OV.
Application Examples
A High Efficiency, 30 W, Universal Input Power Supply
The circuit shown in Figure 41 takes advantage of several of the
TOPSwitch-GX features to reduce system cost and power
supply size and to improve efficiency. This design delivers
30 W at 12 V, from an 85 to 265 VAC input, at an ambient of
50
°C, in an open frame configuration. A nominal efficiency of
80% at full load is achieved using TOP244Y.
The current limit is externally set by resistors R1 and R2 to a
value just above the low line operating peak DRAIN current of
approximately 70% of the default current limit. This allows use
of a smaller transformer core size and/or higher transformer
primary inductance for a given output power, reducing
TOPSwitch-GX power dissipation, while at the same time
avoiding transformer core saturation during startup and output
transient conditions. The resistors R1 & R2 provide a signal
that reduces the current limit with increasing line voltage,
which in turn limits the maximum overload power at high input
line voltage. This function in combination with the built-in
soft-start feature of TOPSwitch-GX, allows the use of a low cost
RCD clamp (R3, C3 and D1) with a higher reflected voltage, by
safely limiting the TOPSwitch-GX drain voltage, with adequate
margin under worst case conditions. Resistor R4 provides line
sensing, setting UV at 100 VDC and OV at 450 VDC. The
extended maximum duty cycle feature of TOPSwitch-GX
(guaranteed minimum value of 75% vs. 64% for TOPSwitch-II)
allows the use of a smaller input capacitor (C1). The extended
maximum duty cycle and the higher reflected voltage possible
with the RCD clamp also permit the use of a higher primary to
secondary turns ratio for T1 which reduces the peak reverse
voltage experienced by the secondary rectifier D8. As a result
a 60 V Schottky rectifier can be used for up to 15 V outputs,
which greatly improves power supply efficiency. The frequency
reduction feature of the TOPSwitch-GX eliminates the need for
any dummy loading for regulation at no load and reduces the no
load/standby consumption of the power supply. Frequency
jitter provides improved margin for conducted EMI meeting the
CISPR 22 (FCC B) specification.
Output regulation is achieved by using a simple Zener sense
circuit for low cost. The output voltage is determined by the
Zener diode (VR2) voltage and the voltage drops across the
optocoupler (U2) LED and resistor R6. Resistor R8 provides
bias current to Zener VR2 for typical regulation of
±5% at the
12 V output level, over line and load and component variations.
12 V
@ 2.5 A
D2
1N4148
T1
C5
47
µF
10 V
U2
LTV817A
VR2
1N5240C
10 V, 2%
R6
150
Ω
R15
150
Ω
C14
1 nF
D1
UF4005
R3
68 k
Ω
2 W
C3
4.7 nF
1 kV
CY1
2.2 nF
U1
TOP244Y
DL
SX
F
C
R8
150
Ω
C1
68
µF
400 V
C6
0.1
µF
D8
MBR1060
C10
560
µF
35 V
C12
220
µF
35 V
C11
560
µF
35 V
RTN
R5
6.8
Ω
R1
4.7 M
Ω
1/2 W
R4
2 M
Ω
1/2 W
R2
9.09 k
Ω
PI-2657-040501
L3
3.3
µH
BR1
600 V
2A
F1
3.15 A
J1
L1
20 mH
L
N
CX1
100 nF
250 VAC
CONTROL
CONTROL
TOPSwitch-GX
PERFORMANCE SUMMARY
Output Power:
30 W
Regulation:
± 4%
Efficiency:
≥ 79%
Ripple:
≤ 50 mV pk-pk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com