Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCS12 Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 86Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 87Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 88Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 89Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 90Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 91Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 92Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 93Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
90
Freescale Semiconductor
6.4 Object Code Notation
The digits 0 to 9 and the uppercase letters A to F are used to express
hexadecimal values. Pairs of lowercase letters represent the 8-bit values as
described here.
dd
— 8-bit direct address $0000 to $00FF; high byte
assumed to be $00
ee
— High-order byte of a 16-bit constant offset for indexed
addressing
eb
— Exchange/transfer post-byte
ff
— Low-order eight bits of a 9-bit signed constant offset
for indexed addressing, or low-order byte of a 16-bit
constant offset for indexed addressing
hh
— High-order byte of a 16-bit extended address
ii
— 8-bit immediate data value
jj
— High-order byte of a 16-bit immediate data value
kk
— Low-order byte of a 16-bit immediate data value
lb
— Loop primitive (DBNE) post-byte
ll
— Low-order byte of a 16-bit extended address
mm
— 8-bit immediate mask value for bit manipulation
instructions; set bits indicate bits to be affected
pg
— Program overlay page (bank) number used in CALL
instruction
qq
— High-order byte of a 16-bit relative offset for long
branches
tn
— Trap number $30–$39 or $40–$FF
rr
— Signed relative offset $80 (–128) to $7F (+127)
offset relative to the byte following the relative offset
byte, or low-order byte of a 16-bit relative offset for
long branches
xb
— Indexed addressing post-byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com