Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCS12 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 17Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 18Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 19Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 20Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 21Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 22Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 23Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 24Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 452 page
background image
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
21
2.1 Introduction
This section describes the CPU12 programming model, register set, the
data types used, and basic memory organization.
2.2 Programming Model
The CPU12 programming model, shown in Figure 2-1, is the same as that
of the M68HC11 CPU. The CPU has two 8-bit general-purpose
accumulators (A and B) that can be concatenated into a single 16-bit
accumulator (D) for certain instructions. It also has:
• Two index registers (X and Y)
• 16-bit stack pointer (SP)
• 16-bit program counter (PC)
• 8-bit condition code register (CCR)
Figure 2-1. Programming Model
Reference Manual — S12CPUV2
Section 2. Overview
7
15
15
15
15
15
D
IX
IY
SP
PC
AB
N
SX
H
I
Z
V
C
0
0
0
0
0
0
7
0
CONDITION CODE REGISTER
8-BIT ACCUMULATORS A AND B
16-BIT DOUBLE ACCUMULATOR D
INDEX REGISTER X
INDEX REGISTER Y
STACK POINTER
PROGRAM COUNTER
OR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com