Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG509AMY/PR Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DG509AMY/PR
Description  Monolithic CMOS Analog Multiplexers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG509AMY/PR Datasheet(HTML) 6 Page - Maxim Integrated Products

  DG509AMY/PR Datasheet HTML 1Page - Maxim Integrated Products DG509AMY/PR Datasheet HTML 2Page - Maxim Integrated Products DG509AMY/PR Datasheet HTML 3Page - Maxim Integrated Products DG509AMY/PR Datasheet HTML 4Page - Maxim Integrated Products DG509AMY/PR Datasheet HTML 5Page - Maxim Integrated Products DG509AMY/PR Datasheet HTML 6Page - Maxim Integrated Products DG509AMY/PR Datasheet HTML 7Page - Maxim Integrated Products DG509AMY/PR Datasheet HTML 8Page - Maxim Integrated Products DG509AMY/PR Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Monolithic CMOS Analog Multiplexers
6
_______________________________________________________________________________________
DG508A
EN
S1
±10V
SWITCH
OUTPUT
VD
35pF
1M
Ω
S2–S7
S8
D
+2.4V
+15V
A0
A1
A2
GND
-15V
50
Ω
LOGIC
INPUT
V-
V+
DG509A
EN
S1
±10V
SWITCH
OUTPUT
VDS
35pF
1M
Ω
S1A–S4A,
DA, S2B, S3B
S4B
DB
+2.4V
+15V
A0
A1
GND
-15V
50
Ω
LOGIC
INPUT
V-
V+
Figure 1a. Switching-Time Test Circuit
DG508A
EN
V+
S1
-5V
SWITCH
OUTPUT
VD
35pF
1k
Ω
S2–S7
D
+15V
A0
A1
A2
GND
-15V
50
Ω
LOGIC
INPUT
V-
Figure 2a. DG508A Enable-Time Test Circuit
DG509A
EN
V+
S1B
-5V
SWITCH
OUTPUT
VDS
35pF
1k
Ω
S1A–S4A,
DA, S2B, S3B
DB
+15V
A0
A1
GND
-15V
50
Ω
LOGIC
INPUT
V-
Figure 2b. DG509A Enable-Time Test Circuit
Figure 1b. Switching-Time Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com