Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG509AMY/PR Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DG509AMY/PR
Description  Monolithic CMOS Analog Multiplexers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG509AMY/PR Datasheet(HTML) 1 Page - Maxim Integrated Products

  DG509AMY/PR Datasheet HTML 1Page - Maxim Integrated Products DG509AMY/PR Datasheet HTML 2Page - Maxim Integrated Products DG509AMY/PR Datasheet HTML 3Page - Maxim Integrated Products DG509AMY/PR Datasheet HTML 4Page - Maxim Integrated Products DG509AMY/PR Datasheet HTML 5Page - Maxim Integrated Products DG509AMY/PR Datasheet HTML 6Page - Maxim Integrated Products DG509AMY/PR Datasheet HTML 7Page - Maxim Integrated Products DG509AMY/PR Datasheet HTML 8Page - Maxim Integrated Products DG509AMY/PR Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
Maxim’s DG508A and DG509A are monolithic CMOS
analog multiplexers (muxes): the DG508A is a single
8-channel (1-of-8) mux, and the DG509A is a differen-
tial 4-channel (2-of-8) mux.
Both devices guarantee break-before-make switching.
Maxim guarantees these muxes will not latch up if the
power supplies are turned off with the input signals still
present. Maxim also guarantees continuous operation
when these devices are powered by supplies ranging
from ±4.5V to ±18V.
The DG508A/DG509A are plug-in upgrades for the
industry-standard DG508A/DG509A, respectively.
Maxim’s parts have faster enable switching times and
significantly lower leakage currents. The DG508A/
DG509A also consume significantly lower power, mak-
ing them ideal for portable equipment.
Applications
Control Systems
Data Logging Systems
Aircraft Heads-Up Displays
Data-Acquisition Systems
Signal Routing
Features
♦ Improved Second Source
♦ Operate from ±4.5V to ±18V Supplies
♦ Symmetrical, Bidirectional Operation
♦ Logic and Enable Inputs, TTL and
CMOS Compatible
♦ Latchup-Proof Construction
♦ Monolithic, Low-Power CMOS Design
Monolithic CMOS Analog Multiplexers
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
S1
-15V
D
ANALOG
OUTPUT
(INPUTS)
A0 A1 A2 EN
S2
V+
V-
GND
ANALOG
INPUT
(OUTPUTS)
+15V
+15V
ENABLE IN (MUX ON/OFF CONTROL)
CLOCK
IN
N.C.
N.C.
BIN
QB
QC
QD
QA
V+
AIN
r01 r02 GND
S3
S4
S5
S6
S7
S8
-15V
DG508A
Typical Operating Circuits
19-0028; Rev 4; 5/10
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Devices are available in a lead(Pb)-free/RoHS-compliant pack-
age (except CERDIP). Specify lead-free by adding a plus (+)
to the part number when ordering.
*
Contact factory for dice specifications.
PART
TEMP RANGE
PIN-PACKAGE
DG508ACJ
0°C to +70°C
16 Plastic DIP
DG508ACWE
0°C to +70°C
16 Wide SO
DG508AC/D
0°C to +70°C
Dice*
DG508ABK
-20°C to +85°C
16 CERDIP
DG508ADJ
-40°C to +85°C
16 Plastic DIP
DG508ADY
-40°C to +85°C
16 Narrow SO
DG508AEWE
-40°C to +85°C
16 Wide SO
DG508AAK
-55°C to +125°C
16 CERDIP
DG508AMY/PR
-55°C to +125°C
16 Narrow SO
DG509ACJ
0°C to +70°C
16 Plastic DIP
DG509ACWE
0°C to +70°C
16 Wide SO
DG509AC/D
0°C to +70°C
Dice*
DG509ABK
-20°C to +85°C
16 CERDIP
DG509ADJ
-40°C to +85°C
16 Plastic DIP
DG509ADY
-40°C to +85°C
16 Narrow SO
DG509AEWE
-40°C to +85°C
16 Wide SO
DG509AAK
-55°C to +125°C
16 CERDIP
DG509AMY/PR
-55°C to +125°C
16 Narrow SO
8-CHANNEL SEQUENTIAL MUX/DEMUX
Typical Operating Circuits continued at end of data sheet.


Similar Part No. - DG509AMY/PR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG509A INTERSIL-DG509A Datasheet
460Kb / 19P
CMOS Analog Multiplexers
November 1999
logo
Vishay Siliconix
DG509A-MIL VISHAY-DG509A-MIL Datasheet
177Kb / 11P
Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
21-Feb-00
logo
Maxim Integrated Produc...
DG509AAK MAXIM-DG509AAK Datasheet
1Mb / 11P
Monolithic CMOS Analog Multiplexers
Rev 3; 9/01
logo
Vishay Siliconix
DG509AAK VISHAY-DG509AAK Datasheet
197Kb / 11P
Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
21-Feb-00
DG509AAK/883 VISHAY-DG509AAK/883 Datasheet
197Kb / 11P
Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
21-Feb-00
More results

Similar Description - DG509AMY/PR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A Datasheet
196Kb / 6P
Monolithic CMOS Analog Multiplexers
DG508A MAXIM-DG508A Datasheet
1Mb / 11P
Monolithic CMOS Analog Multiplexers
Rev 3; 9/01
MAX328 MAXIM-MAX328 Datasheet
226Kb / 8P
Ultra-Low Leakage Monolithic CMOS Analog Multiplexers
19-1006; Rev 1; 10/94
MX7501 MAXIM-MX7501 Datasheet
246Kb / 8P
Low -Power, Monolithic, CMOS Analog Multiplexers
Rev 0; 7/90
MX7506 MAXIM-MX7506 Datasheet
147Kb / 4P
Monolithic CMOS Analog Multiplexers
logo
Intersil Corporation
DG508A INTERSIL-DG508A Datasheet
304Kb / 9P
CMOS Analog Multiplexers
September 13, 2004
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A_10 Datasheet
965Kb / 7P
Monolithic CMOS Analog Multiplexers
Rev 3; 2/10
DG506A MAXIM-DG506A_12 Datasheet
1Mb / 10P
Monolithic CMOS Analog Multiplexers
Rev 4; 6/12
logo
Renesas Technology Corp
DG508A RENESAS-DG508A Datasheet
507Kb / 9P
CMOS Analog Multiplexers
logo
Maxim Integrated Produc...
MAX328 MAXIM-MAX328_V01 Datasheet
175Kb / 10P
Ultra-Low Leakage Monolithic CMOS Analog Multiplexers
19-1006; Rev 3; 2/11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com