Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM660OFU22DM6F Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM660OFU22DM6F
Description  Smart push-button on/off controller with Smart ResetTM and power-on lockout
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM660OFU22DM6F Datasheet(HTML) 5 Page - STMicroelectronics

  STM660OFU22DM6F Datasheet HTML 1Page - STMicroelectronics STM660OFU22DM6F Datasheet HTML 2Page - STMicroelectronics STM660OFU22DM6F Datasheet HTML 3Page - STMicroelectronics STM660OFU22DM6F Datasheet HTML 4Page - STMicroelectronics STM660OFU22DM6F Datasheet HTML 5Page - STMicroelectronics STM660OFU22DM6F Datasheet HTML 6Page - STMicroelectronics STM660OFU22DM6F Datasheet HTML 7Page - STMicroelectronics STM660OFU22DM6F Datasheet HTML 8Page - STMicroelectronics STM660OFU22DM6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
STM6600 - STM6601
Description
Doc ID 15453 Rev 7
5/51
1
Description
The STM6600-01 devices monitor the state of connected push-button(s) as well as sufficient
supply voltage. An enable output controls power for the application through the MOSFET
transistor, DC-DC converter, regulator, etc. If the supply voltage is above a precise voltage
threshold, the enable output can be asserted by a simple press of the button. Factory-
selectable supply voltage thresholds are determined by highly accurate and temperature-
compensated references. An interrupt is asserted by pressing the push-button during
normal operation and can be used to request a system power-down. The interrupt is also
asserted if undervoltage is detected. By a long push of one button (PB) or two buttons (PB
and SR) either a reset is asserted or power for the application is disabled depending on the
option used.
The device also offers additional features such as precise 1.5 V voltage reference with very
tight accuracy of 1%, separate output indicating undervoltage detection and separate output
for distinguishing between interrupt by push-button or undervoltage.
The device consumes very low current of 6 µA during normal operation and only 1 µA
current during standby.
The STM6600-01 is available in the TDFN12 package and is offered in several options
among features such as selectable threshold, hysteresis, timeouts, output types, etc. (see
Table 8 and Table 9 for more information).
Figure 1.
Application hookup
1.
A resistor is required for open drain output type only. A 10 k
Ω pull-up is sufficient in most applications.
2.
Capacitor CREF is mandatory on VREF output (even if VREF is not used). Capacitor value of 1 µF is recommended.
3.
For the STM6601 the processor has to confirm the proper power-on during the fixed time period, tON_BLANK. This failsafe
feature prevents the user from turning on the system when there is a faulty power switch or an unresponsive
microprocessor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com