Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM660OFU22DM6F Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM660OFU22DM6F
Description  Smart push-button on/off controller with Smart ResetTM and power-on lockout
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM660OFU22DM6F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM660OFU22DM6F Datasheet HTML 9Page - STMicroelectronics STM660OFU22DM6F Datasheet HTML 10Page - STMicroelectronics STM660OFU22DM6F Datasheet HTML 11Page - STMicroelectronics STM660OFU22DM6F Datasheet HTML 12Page - STMicroelectronics STM660OFU22DM6F Datasheet HTML 13Page - STMicroelectronics STM660OFU22DM6F Datasheet HTML 14Page - STMicroelectronics STM660OFU22DM6F Datasheet HTML 15Page - STMicroelectronics STM660OFU22DM6F Datasheet HTML 16Page - STMicroelectronics STM660OFU22DM6F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
STM6600 - STM6601
Operation
Doc ID 15453 Rev 7
13/51
Undervoltage detection
If VCC voltage drops below VTH- voltage threshold during normal operation, the INT output is
driven low (see Figure 20 and Figure 21).
If an undervoltage condition is detected for tDEBOUNCE + tINT_Min + tSRD, the enable output is
deasserted (see Figure 21).
Hardware reset or power-down while system not responding
If the system is not responding and the system hangs, the PB and SR push-buttons can be
pressed simultaneously longer than tDEBOUNCE + tINT_Min + tSRD, and then
a)
either the reset output RST is asserted for tREC and the processor is reset (valid
only for the device with option “RST asserted by long push”) – see Figure 18
b)
or the power is disabled by EN or EN signal (valid only for the device with option
“EN deasserted by long push”) – see Figure 19
The tSRD is set by the external capacitor connected to the CSRD pin.
Standby
If the enable output is deasserted (i.e. EN is low or EN is high), the STM660x device enters
standby mode with low current consumption (see Table 5). In standby mode PB input is only
monitored for the falling edge. The external 1.5 V voltage reference is also disabled in
standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com