Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM660OFS52DM6E Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM660OFS52DM6E
Description  Smart push-button on/off controller with Smart ResetTM and power-on lockout
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM660OFS52DM6E Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM660OFS52DM6E Datasheet HTML 43Page - STMicroelectronics STM660OFS52DM6E Datasheet HTML 44Page - STMicroelectronics STM660OFS52DM6E Datasheet HTML 45Page - STMicroelectronics STM660OFS52DM6E Datasheet HTML 46Page - STMicroelectronics STM660OFS52DM6E Datasheet HTML 47Page - STMicroelectronics STM660OFS52DM6E Datasheet HTML 48Page - STMicroelectronics STM660OFS52DM6E Datasheet HTML 49Page - STMicroelectronics STM660OFS52DM6E Datasheet HTML 50Page - STMicroelectronics STM660OFS52DM6E Datasheet HTML 51Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
STM6600 - STM6601
Product selector
Doc ID 15453 Rev 7
49/51
Table 11.
STM6601 product selector
Full part number
EN or
EN(1)
1.
EN (or EN) output is push-pull. RST, INT, PBOUT and VCCLO outputs are open drain.
After
long
push(2)
2.
After tSRD expires through long push, either device reset (RST) will be activated for tREC (240 ms min.) or the EN (or EN) pin
will be deasserted. The additional Smart Reset™ delay time, tSRD, can be adjusted by the user at 10 s/µF (typ.) by
connecting the external capacitor to the CSRD pin.
Internal
resistor
on SR
input
Power-on
lockout
voltage
VTH+ (V)
Forced
power-off
voltage
VTH- (V)
tON_BLANK
(s)
at startup
(min.)
tON_BLANK
(s)
at reset
(min.)
Top
marking(3)
3.
Where “p” = assembly plant, “y” = assembly year (0 to 9) and “ww” = assembly work week (01 to 52).
STM6601AQ2BDM6F
EN
RST
pull-up
3.30
3.10
1.4
1.4
pyww
AQ2B
STM6601AU2DDM6F
EN
RST
pull-up
3.50
3.30
5.6
5.6
pyww
AU2D
STM6601BM2DDM6F
EN
RST
pull-up
3.10
2.90
5.6
5.6
pyww
BM2D
STM6601BS2BDM6F
EN
RST
pull-up
3.40
3.20
1.4
1.4
pyww
BS2B
STM6601CM2DDM6F
EN
EN
pull-up
3.10
2.90
5.6
—
pyww
CM2D
STM6601CQ2BDM6F
EN
EN
pull-up
3.30
3.10
1.4
—
pyww
CQ2B
STM6601DS2BDM6F
EN
EN
pull-up
3.40
3.20
1.4
—
pyww
DS2B
STM6601GU2BDM6F(4)
4.
Please contact local ST sales office for availability.
EN
RST
—
3.50
3.30
5.6
5.6
pyww
GU2B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com