Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM660OFS52DM6E Datasheet(PDF) 41 Page - STMicroelectronics

Part # STM660OFS52DM6E
Description  Smart push-button on/off controller with Smart ResetTM and power-on lockout
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM660OFS52DM6E Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM660OFS52DM6E Datasheet HTML 37Page - STMicroelectronics STM660OFS52DM6E Datasheet HTML 38Page - STMicroelectronics STM660OFS52DM6E Datasheet HTML 39Page - STMicroelectronics STM660OFS52DM6E Datasheet HTML 40Page - STMicroelectronics STM660OFS52DM6E Datasheet HTML 41Page - STMicroelectronics STM660OFS52DM6E Datasheet HTML 42Page - STMicroelectronics STM660OFS52DM6E Datasheet HTML 43Page - STMicroelectronics STM660OFS52DM6E Datasheet HTML 44Page - STMicroelectronics STM660OFS52DM6E Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
STM6600 - STM6601
DC and AC characteristics
Doc ID 15453 Rev 7
41/51
CSRD
ISRD
CSRD charging current
100
150
200
nA
VSRD
CSRD voltage threshold
VCC = 3.6 V, load on VREF pin
100 k
Ω and mandatory 1 µF
capacitor, TA = 25 °C
1.5
V
tSRD
Additional Smart Reset™
delay time
External CSRD connected
10
s/µF
EN, EN
VOL
Output low voltage
VCC = 2 V, ISINK = 1 mA,
enable asserted
0.3
V
VOH
(5)
Output high voltage
VCC = 2 V, ISOURCE = 1 mA,
enable asserted
VCC – 0.3
V
tEN_OFF
(6) enable off to enable on
VCC ≥ 2.0 V40
64
88
ms
EN, EN leakage current
VEN = 2 V, enable open drain
–0.1
+0.1
µA
RST
VOL
Output low voltage
VCC = 2 V, ISINK = 1 mA,
RST asserted
0.3
V
tREC
RST pulse width
VCC ≥ 2.0 V
240
360
480
ms
RST leakage current
VRST = 3V
–0.1
+0.1
µA
INT
VOL
Output low voltage
VCC = 2 V, ISINK = 1 mA,
INT asserted
0.3
V
tINT_Min
Minimum INT pulse width
VCC ≥ 2.0 V20
32
44
ms
INT leakage current
VINT = 3 V
–0.1
+0.1
µA
VREF
VREF
1.5 V voltage reference
VCC = 3.6 V, load on VREF pin
100 k
Ω and mandatory 1 µF
capacitor, TA = 25 °C
1.485
–1%
1.5
1.515
+1%
V
1.
Valid for ambient operating temperature: TA = –40 to 85 °C; VCC = 1.6 V to 5.5 V (except where noted).
2.
Typical values are at TA = +25 °C.
3.
This blanking time allows the processor to start up correctly (see Figure 7, 8, 9, 10, 11, 12).
4.
The internal pull-up resistor connected to the SR input is optional (see Table 10 for detailed device options).
5.
Valid for push-pull only.
6.
Minimal delay between enable off and enable on allows the application to power down properly. PB is ignored during this
period.
Table 5.
DC and AC characteristics (continued)
Symbol
Parameter
Test condition(1)
Min.
Typ.(2)
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com