Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5259B Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # MMSZ5259B
Description  SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMSZ5259B Datasheet(HTML) 3 Page - Rectron Semiconductor

  MMSZ5259B Datasheet HTML 1Page - Rectron Semiconductor MMSZ5259B Datasheet HTML 2Page - Rectron Semiconductor MMSZ5259B Datasheet HTML 3Page - Rectron Semiconductor MMSZ5259B Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RECTRON
RATING AND CHARACTERISTICS CURVES ( MMBZ5221B-MMBZ5260B )
0.4
0.5
0.6
0.3
0.2
0.1
0
1000
100
10
1000
1
100
10
1
10
100
0
10
20
30
40
0
25
50
75
100
125
150
1
10
100
30
20
10
0
Figure 1 Power Dissipation vs Ambient Temperature
Figure 3 Zener Voltage vs Zener Impedence
TA,AMBIENT TEMPERATURE(OC)
VZ,NOMINAL ZENER VOLTAGE(V)
VZ,NOMINAL ZENER VOLTAGE(V)
Figure 2 Typical Capacitance
VZ,ZENER VOLTAGE(V)
Figure 5 Zener Breakdown Characteristics
IZ = 1.0mA
TJ = 25OC 10
12
15
18
22
27
33
36 39
50
40
30
20
10
0
0
1
2
3
4
5
6
7
8
9
10
VZ,ZENER VOLTAGE(V)
Figure 4 Zener Breakdown Characteristics
TJ = 25OC
5V6
6V8
8V2
Test Current Iz
20mA
Test Current Iz
Nominal Zener Voltage
TJ = 25OC
VR = 1V
VR = 2V
100
Figure 6. 8×20s Pulse Waveform
90
80
70
60
50
40
30
20
10
0
0
20
40
60
80
t, TIME ( s)
tP
tr
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8 s
HALF VALUE IRSM/2 @ 20 s
PEAK VALUE IRSM @ 8 s



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com