Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5259B Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # MMSZ5259B
Description  SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMSZ5259B Datasheet(HTML) 1 Page - Rectron Semiconductor

  MMSZ5259B Datasheet HTML 1Page - Rectron Semiconductor MMSZ5259B Datasheet HTML 2Page - Rectron Semiconductor MMSZ5259B Datasheet HTML 3Page - Rectron Semiconductor MMSZ5259B Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Planar Die Construction
* 500mW Power Dissipation
* General Purpose, Medium Current
*
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.01 gram
SOD-123
Dimensions in inches and (millimeters)
REF .020(0.50)
.152(3.85)
.140(3.55)
.067(1.70)
.059(1.50)
.110(2.80)
.102(2.60)
.049(1.25)
.041(1.05)
.004(0.10)
.000(0.00)
MMSZ5221B-
MMSZ5260B
Ldeally Suited for Automated Assembly Processes
2006-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25
oC unless otherwise noted )
Max. Instantaneous Forward Voltage at IF= 10mA
CHARACTERISTICS
SYMBOL
UNITS
350
0.9
Volts
oC/W
Thermal Resistance Junction to Ambient (Note 1)
Note 1. Dveice mounted on ceramic PCB; 7.6mm x 9.4mm x 0.87mm with pad areas 25 mm2.
MAXIMUM RATINGES ( @ TA = 25
oC unless otherwise noted )
RATINGS
Max. Steady State Power Dissipation @TA=25oC (Note 1)
Max. Operating Temperature Range
Storage Temperature Range
SYMBOL
PD
TJ
TSTG
R
θJA
VF
VALUE
MAX.
-
-
TYP.
-
-
MIN.
UNITS
mW
500
-65 to +150
-65 to +150
oC
oC
SURFACE MOUNT ZENER DIODE
VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.


Similar Part No. - MMSZ5259B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5259B PANJIT-MMSZ5259B Datasheet
82Kb / 5P
SURFACE MOUNT SILICON ZENER DIODES
logo
Diodes Incorporated
MMSZ5259B DIODES-MMSZ5259B Datasheet
61Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 7 - 2
logo
Micro Commercial Compon...
MMSZ5259B MCC-MMSZ5259B Datasheet
411Kb / 4P
500 mW Zener Diodes 2.4 to 39 Volts
logo
Diotec Semiconductor
MMSZ5259B DIOTEC-MMSZ5259B Datasheet
54Kb / 2P
Surface mount Zener Diodes
logo
Weitron Technology
MMSZ5259B WEITRON-MMSZ5259B Datasheet
244Kb / 5P
Surface Mount Zener Diodes
More results

Similar Description - MMSZ5259B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZM55C2V4 RECTRON-BZM55C2V4 Datasheet
460Kb / 5P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
BZT52B4V3S RECTRON-BZT52B4V3S Datasheet
233Kb / 3P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3 to 39 Volts POWER RATING 410 mWatts
BZT52C2V4 RECTRON-BZT52C2V4 Datasheet
214Kb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 500 mWatts
BZX84C2V4 RECTRON-BZX84C2V4 Datasheet
179Kb / 3P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 350 mWatts
BZX84C2V4W RECTRON-BZX84C2V4W Datasheet
182Kb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39Volts POWER RATING 200 mWatts
MMBZ5223BW RECTRON-MMBZ5223BW Datasheet
250Kb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
MMBZ5223B RECTRON-MMBZ5223B Datasheet
249Kb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 350 mWatts
MMSZ4681 RECTRON-MMSZ4681 Datasheet
373Kb / 5P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
MMSZ5223BS RECTRON-MMSZ5223BS Datasheet
182Kb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com