Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAS005B Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # PAS005B
Description  SXGA Color/Mono Digital CMOS Image Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS005B Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  PAS005B Datasheet HTML 1Page - Pixart Imaging Inc. PAS005B Datasheet HTML 2Page - Pixart Imaging Inc. PAS005B Datasheet HTML 3Page - Pixart Imaging Inc. PAS005B Datasheet HTML 4Page - Pixart Imaging Inc. PAS005B Datasheet HTML 5Page - Pixart Imaging Inc. PAS005B Datasheet HTML 6Page - Pixart Imaging Inc. PAS005B Datasheet HTML 7Page - Pixart Imaging Inc. PAS005B Datasheet HTML 8Page - Pixart Imaging Inc. PAS005B Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
PixArt Imaging Inc.
PAS005B
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
further alteration to the signal can be applied before the data is output:
2.2 Automatic Background Compensation (ABC)
The ABC function is implemented by 3 steps : ABC-A, Frame-based ABC-D, and Line-based ABC-D. The
ABC-A is implemented in analog domain with an on-chip 9b DAC. The Frame-based ABC-D is implemented
in digital domain to automatically compensate the leakage current with 2 dark reference lines on top of sensor
array. The Line-based ABC-D is implemented in digital domain to automatically compensate the leakage with
4 dark reference columns surround the sensor array. These three blocks can be enable/disable separately by
user.
2.3 Defect Compensation
The Defect Compensation block can detect the possible defect pixel and replace it with average output of like-
colored pixels on either side of defective pixel. There is no limitation in the capability of defect number. This
function is also enable/disable by user.
2.4 Companding
The companding function is used to simulate the gamma curve and do non-linear transformation before the
data is output. There are 8 curves selected by setting register comp_crv[2:0] as shown in Fig. 2.4. The default
value [00] is a linear curve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com