Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAS005B Datasheet(PDF) 23 Page - Pixart Imaging Inc.

Part # PAS005B
Description  SXGA Color/Mono Digital CMOS Image Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS005B Datasheet(HTML) 23 Page - Pixart Imaging Inc.

Back Button PAS005B Datasheet HTML 19Page - Pixart Imaging Inc. PAS005B Datasheet HTML 20Page - Pixart Imaging Inc. PAS005B Datasheet HTML 21Page - Pixart Imaging Inc. PAS005B Datasheet HTML 22Page - Pixart Imaging Inc. PAS005B Datasheet HTML 23Page - Pixart Imaging Inc. PAS005B Datasheet HTML 24Page - Pixart Imaging Inc. PAS005B Datasheet HTML 25Page - Pixart Imaging Inc. PAS005B Datasheet HTML 26Page - Pixart Imaging Inc. PAS005B Datasheet HTML 27Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
PixArt Imaging Inc.
PAS005B
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
concurrently. The shutter closing edge must be earlier than the Vsync edge by programming proper register
value LPF (Line-per-Frame). The suggested setting of ny (ne) in this mode is 0 to guarantee simultaneous
exposure in the shutter opening period. However, different setting is accptable depend on application.
Snapshot mode 2: register seq_exp=0
When the exposure time is less than the mechanical shutter speed limitation, snapshot mode 2 is chosen. The
exposure period is now controlled by exposure start point and shutter closing edge as shown in Fig. 5. The
exposure starting point is setted by register ny and ne, and the sensor array will be started to exposure
simultaneously. Again, the shutter closing edge must be earlier than the Vsync edge.
All these two snapshot modes can be external triggered by pin “Sync” as shown in Fig. 4.4-1 and 4.4-2.
Mechanical shutter
opening period
Non-Valid
Data
Vsync
Active Exposure time
start point
end point
Valid
Data
Array
leakage
Array
leakage
Mechanical
shutter
ny=0, ne=0
Image exposure and
readout timing
Vsync extension
programmed by LPF
External Sync
Fig. 4.4-1 Snapshot mode one – Exposure time controlled by shutter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com