Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS-RDP6 Datasheet(PDF) 1 Page - Transcend Information. Inc.

Part # TS-RDP6
Description  USB2.0 Compact Card Reader
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS-RDP6 Datasheet(HTML) 1 Page - Transcend Information. Inc.

  TS-RDP6 Datasheet HTML 1Page - Transcend Information. Inc. TS-RDP6 Datasheet HTML 2Page - Transcend Information. Inc. TS-RDP6 Datasheet HTML 3Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
T
T
TS
S
S---R
R
RD
D
DP
P
P6
6
6
USB2.0 Compact Card Reader
Transcend Information, Inc.
1
Description
TS-RDP6 is a USB2.0 Compact Card Reader. It is
designed for fast, easy data transfer and exchange using
multiple types of Memory Cards.
Features
• Color: Black(Cap & Case)/Red(Frame)
• Fully Compliant with the Hi-Speed USB 2.0 specification
• Hi-Speed Data transfer rates of up to 480Mb/s
• USB powered (no external power or battery needed)
• LED indicates card insertion and data traffic
• Compatible Cards:
Directly:
O
Memory Stick
O
Memory Stick PRO
O
Memory Stick Duo
O
Memory Stick PRO Duo
O
Memory Stick PRO-HG Duo
O
Memory Stick Micro (M2)
O
microSDHC
O
microSD / TransFlash
Placement
Dimensions
Side
Millimeters
Inches
A
66.90 ± 1.0
2.63 ± 0.04
B
22.60 ± 1.0
0.89 ± 0.04
C
12.00 ± 1.0
0.47 ± 0.04
System Requirements
Desktop or notebook computer with a working USB port
One of the following Operating Systems:
O
Windows
® Me
O
Windows
® 2000
O
Windows
® XP
O
Windows Vista
™
O
Windows
® 7
O
Mac
™ OS 9.0, or later
O
Linux
™ Kernel 2.4.2, or later


Similar Part No. - TS-RDP6

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS-RDP5 TRANSCEND-TS-RDP5 Datasheet
81Kb / 3P
USB2.0 Compact Card Reader
TS-RDP7K TRANSCEND-TS-RDP7K Datasheet
206Kb / 5P
USB2.0 Portable Multi-Card Reader
TS-RDP7K/W TRANSCEND-TS-RDP7K/W Datasheet
206Kb / 5P
USB2.0 Portable Multi-Card Reader
TS-RDP7W TRANSCEND-TS-RDP7W Datasheet
206Kb / 5P
USB2.0 Portable Multi-Card Reader
TS-RDP8 TRANSCEND-TS-RDP8 Datasheet
80Kb / 3P
USB2.0 Portable Multi-Card Reader
More results

Similar Description - TS-RDP6

ManufacturerPart #DatasheetDescription
logo
C-Media Electronics
CM220 CMEDIA-CM220 Datasheet
429Kb / 19P
Updateable USB2.0 Card Reader Controller
logo
List of Unclassifed Man...
AU6375 ETC2-AU6375 Datasheet
816Kb / 21P
USB2.0 Multi-LUN Flash Card Reader Controller
AU6320 ETC2-AU6320 Datasheet
522Kb / 19P
USB2.0 CF Card Reader Controller
AU6368 ETC2-AU6368 Datasheet
498Kb / 20P
USB2.0 Multiple Slots Flash Memory Card Reader
AU6370 ETC2-AU6370 Datasheet
707Kb / 21P
USB2.0 Multiple Slots Flash Memory Card Reader
AU6376-GEL ETC2-AU6376-GEL Datasheet
515Kb / 21P
USB2.0 Multi-LUN Flash Card Reader Controller
AU6475 ETC2-AU6475 Datasheet
589Kb / 20P
USB2.0 Multi-LUN Flash Card Reader
logo
Transcend Information. ...
TS-RDP5 TRANSCEND-TS-RDP5 Datasheet
81Kb / 3P
USB2.0 Compact Card Reader
TS-RDP7K TRANSCEND-TS-RDP7K Datasheet
206Kb / 5P
USB2.0 Portable Multi-Card Reader
TS-RDP8 TRANSCEND-TS-RDP8 Datasheet
80Kb / 3P
USB2.0 Portable Multi-Card Reader
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com