Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AU6375 Datasheet (PDF) - List of Unclassifed Manufacturers

AU6375 Datasheet PDF - List of Unclassifed Manufacturers
Part # AU6375
Download  AU6375 Download
File Size   816.97 Kbytes
Page   21 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description USB2.0 Multi-LUN Flash Card Reader Controller

AU6375 Datasheet (PDF)

Go To PDF Page Download Datasheet
AU6375 Datasheet PDF - List of Unclassifed Manufacturers

Part # AU6375
Download  AU6375 Click to download

File Size   816.97 Kbytes
Page   21 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description USB2.0 Multi-LUN Flash Card Reader Controller

AU6375 Datasheet (HTML) - List of Unclassifed Manufacturers


AU6375 Product details

[Alcor Micro Corp.]



Description

The AU6375 is a single chip integrated USB 2.0 multimedia card reader controller that enables PC/DVD/Printer to read/write various type of flash media cards. Flash media cards such as CF, SMC, XD, SD, MMC, Memory Stick are widely used in digital camera, cell phone, PDA and MP3 player to store digital photos and compressed music.

Performance of AU6375 is maximized by implementing the latest and fastest card specification available form the industry.

Especially, AU6375 is designed with the high performance characteristic in flash card I/O speed. Users can easy and fast transfer the digital content among the different flash card.



Features

• Support USB V2.0 specification and USB Device Class Definition for Mass Storage, Bulk-Transport V1.0

• Support CF/MD/SD/MMC/MS/MS_Pro/MS_Duo/xD/SMC compatible flash card

• Support the latest flash card specification: CF 3.0 (16-bit IDE mode), SD1.1 (HS-SD), MMC4.0 (8-bit), MSPro parallel mode (4-bit), xD 1.2

• Support SD 2.0 specification

• Hardware DMA engine integrated for performance enhancement.

• Work with default driver from Windows ME/2000/XP and Mac OS X; Windows 98/2000(SP1/SP2) and Mac OS 9 are supported by vendor driver from Alcor.

• Ping-pong FIFO implementation for concurrent bus operation

• Support multiple sectors transfer optimize performance

• Support slot-to-slot read/write operation

• Support Dynamic Icon Utility

• Support LED for bus operating indication

• Power switch integrated to reduce production BOM cost

• 30MHz 8051 CPU

• Built in 3.3V to 2.5V regulator

• CF slot can be disable by pin4 in 4.5 LUN mode

• Runs at 12MHz crystal

• Available in 100-pin LQFP package



 




Similar Part No. - AU6375

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU6370 ETC2-AU6370 Datasheet
707Kb / 21P
USB2.0 Multiple Slots Flash Memory Card Reader
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6376-GEL ETC2-AU6376-GEL Datasheet
515Kb / 21P
USB2.0 Multi-LUN Flash Card Reader Controller
More results


Similar Description - AU6375

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AU9368 ETC2-AU9368 Datasheet
842Kb / 22P
USB Multi-LUN Flash Card Reader Controller Technical Reference Manual
AU6333 ETC2-AU6333 Datasheet
624Kb / 20P
USB2.0 SD/MMC/MS Single/Dual LUN Card Reader Controller
AU6336 ETC2-AU6336 Datasheet
532Kb / 22P
USB2.0 SD/MMC Single LUN Card Reader Controller
AU6337 ETC2-AU6337 Datasheet
629Kb / 25P
USB2.0 SD/MMC/MS Single/Dual LUN Card Reader controller
AU6366 ETC2-AU6366 Datasheet
533Kb / 20P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JDL ETC2-AU6371-JDL Datasheet
520Kb / 19P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6371-JEL ETC2-AU6371-JEL Datasheet
511Kb / 19P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6372 ETC2-AU6372 Datasheet
517Kb / 18P
USB2.0 Single LUN Multiple Flash Card Reader Controller
AU6376-GEL ETC2-AU6376-GEL Datasheet
515Kb / 21P
USB2.0 Multi-LUN Flash Card Reader Controller
AU6475 ETC2-AU6475 Datasheet
589Kb / 20P
USB2.0 Multi-LUN Flash Card Reader
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com