Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM6580E Datasheet(PDF) 29 Page - Davicom Semiconductor, Inc.

Part # DM6580E
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM6580E Datasheet(HTML) 29 Page - Davicom Semiconductor, Inc.

Back Button DM6580E Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM6580E Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM6580E Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM6580E Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM6580E Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM6580E Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM6580E Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM6580E Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM6580E Datasheet HTML 33Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
Final
29
I/O Base Address (Xxxxxx10 - PCIIO)
31
0
1
2
3
1
00
I/O Base Address
I/O Base Address
PCI I/O Range Indication
I/O or Memory Space Indicator
Bit
Default
Type
Description
31:3
Undefined
RW
PCI I/O Base Address
This is the base address value for I/O access cycles. It will be compared to
AD[31:3] in the address phase of bus command cycle for the I/O resource
access.
2:1
00
RO
PCI I/O Range Indication
It indicates that the minimum I/O resource size is 08h.
0
1
RO
I/O Space Or Memory Space Base Indicator
Determines that the register maps into the I/O space.(=1 Indicates I/O
Base)
Subsystem Identification (Xxxxxx2c - PCISID)
0
31
Subsystem ID
Subsystem Vendor ID
Subsystem ID
Subsystem Vendor ID
Bit
Default
Type
Description
31:16
XXXXh
RO
_WR
Subsystem ID
Node number loaded from Contriller and different from each card.
15:0
XXXXh
RO
_WR
Subsystem Vendor ID
Unique number given by PCI SIG and loaded from Controller.
Version: DM562P-DS-F01
February 02, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com