Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM6580E Datasheet(PDF) 39 Page - Davicom Semiconductor, Inc.

Part # DM6580E
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM6580E Datasheet(HTML) 39 Page - Davicom Semiconductor, Inc.

Back Button DM6580E Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM6580E Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM6580E Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM6580E Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM6580E Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM6580E Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM6580E Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM6580E Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM6580E Datasheet HTML 43Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
Final
39
DM6588 PCI AC Electrical Characteristics & Timing Waveforms
(VDD = 3.3V, GND = 0V; Tc = 0℃ to 85℃)
PCI Clock Specifications Timing
tHIGH
2.0V
0.8V
tR
tF
tLOW
tCYCLE
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
tR
PCI_CLK rising time
4
-
-
ns
-
tF
PCI_CLK falling time
4
-
-
ns
-
tCYCLE
Cycle time
30
-
-
ns
-
tHIGH
PCI_CLK High Time
12
-
-
ns
-
tLOW
PCI_CLK Low Time
12
-
-
ns
-
Other PCI Signals Timing Diagram
tOFF
tH
tSU
Input
tON
Output
cLK
2.5V
tVAL(max)
tVAL(min)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
tVAL
Clk-To-Signal Valid Delay
2
-
12
ns
Cload = 50 pF
tON
Float-To-Active Delay From Clk
2
-
-
ns
-
tOFF
Active-To-Float Delay From Clk
-
-
28
ns
-
tSU
Input Signal Valid Setup Time Before Clk
7
-
-
ns
-
tH
Input Signal Hold Time From Clk
5
-
-
ns
-
Version: DM562P-DS-F01
February 02, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com