Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER201 Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # HER201
Description  HIGH EFFICIENCY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

HER201 Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  HER201 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. HER201 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50
HER201 thru HER208
Maximum Recurrent Peak Reverse Voltage
Maximum Recurrent Peak Reverse Voltage
VRRM
VRMS
VDC
VF
IR
IO
IFSM
CJ
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum DC Blocking Voltage
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
Maximum Instantaneous Forward Voltage at 2.0A DC
Peak Forward Surge Current, 8.3 ms single half
sine-wave superimposed on rated load (JEDEC method)
Maximum Average Forward Rectified Current
.375" (9.5mm) lead length
HER201
HER201
HER205
HER205
HER203
HER203
HER207
HER207
HER202
HER202
HER206
HER206
HER204
HER204
HER208
HER208
UNITS
UNITS
100
600
200
800
300
1000
400
Volts
Volts
Volts
Volts
Amps
Amps
uAmps
uAmps
0C
35
70
420
140
560
210
700
280
50
100
600
200
800
300
-65 to +150
1.0
1.3
1.85
5.0
100
50
70
2.0
60
30
20
1000
400
0
MAXIMUM RATINGS ( At TA=25 C unless otherwise noted)
0
ELECTRICAL CHARACTERISTICS ( At TA=25 C unless otherwise noted)
FEATURES
Low power loss, high dffciency
Low leakage
Low forward voltage
High current capability
High speed switching
High surge capability
High reliability
MECHANICAL DATA
Case:Molded plastic
Epoxy:UL94V-0 rate flame retardant
Lead:MIL-STD-202E method 208C quaranted
Mounting position:Any
Weigh:0.35 grams
CHENG- YI
CHENG- YI
ELECTRONIC
HIGH EFFICIENCY RECTIFIER
HIGH EFFICIENCY RECTIFIER
HIGH EFFICIENCY RECTIFIER
VOLTAGE RANGE -50 to 1000 Volts
CURRENT-2.0 Amperese
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Signle phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
0
@TA=55 C
0
@TA=25 C
Maximum DC Reverse Current at
Rated DC Blocking Voltage
Maximum Full Load Reverse Current Average,
0
Full Cycle .375, (9.5mm) Lead Length at @TL=55 C
Maximum Reverse Recovery Time (Note1)
trr
nSec
TSTG
TJ
Notes : 1.Test Condition: IF=0.5A, IR=1.0A, IRR=0.25A
2.Measured at 1 MHz and applied reverse voltage of 4.0 volts
RATINGS
CHARACTERISTICS
SYMBOL
SYMBOL
pF
.034(0.9)
.028(0.7)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.140(3.6)
.104(2.6)
.300(7.6)
.230(5.8)
DIA.
DIA.
DO-15


Similar Part No. - HER201

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER201 WTE-HER201 Datasheet
49Kb / 3P
2.0A HIGH EFFICIENCY RECTIFIER
logo
Zowie Technology Corpor...
HER201 ZOWIE-HER201 Datasheet
50Kb / 2P
HIGH EFFICIENCY RECITIFIER
logo
Rectron Semiconductor
HER201 RECTRON-HER201 Datasheet
43Kb / 2P
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere)
logo
Jinan Gude Electronic D...
HER201 JGD-HER201 Datasheet
165Kb / 2P
2.0 AMPS.HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER201 BYTES-HER201 Datasheet
154Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER201

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
High Efficiency Rectifier
logo
List of Unclassifed Man...
HER201 ETC2-HER201 Datasheet
119Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com