Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3108IGN Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3108IGN
Description  Ultralow Voltage Step-Up Converter and Power Manager
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3108IGN Datasheet(HTML) 5 Page - Linear Technology

  LTC3108IGN Datasheet HTML 1Page - Linear Technology LTC3108IGN Datasheet HTML 2Page - Linear Technology LTC3108IGN Datasheet HTML 3Page - Linear Technology LTC3108IGN Datasheet HTML 4Page - Linear Technology LTC3108IGN Datasheet HTML 5Page - Linear Technology LTC3108IGN Datasheet HTML 6Page - Linear Technology LTC3108IGN Datasheet HTML 7Page - Linear Technology LTC3108IGN Datasheet HTML 8Page - Linear Technology LTC3108IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC3108
5
3108p
LDO Load Regulation
TYPICAL PERFORMANCE CHARACTERISTICS
Resonant Switching Waveforms
Start-Up Voltage Sequencing
VOUT and PGD Response
During a Step Load
VOUT Ripple
LDO Step Load Response
Enable Input and VOUT2
Running on Storage Capacitor
TA = 25°C, unless otherwise noted.
LDO Dropout Voltage
LDO LOAD (mA)
0
–1.00
–0.75
–0.50
0.5
1
1.5
2
3
2.5
3.5
–0.25
0.00
4
3108 G10
LDO LOAD (mA)
0
0.00
0.04
0.08
0.12
0.5
1
1.5
2
3
2.5
3.5
0.16
0.20
0.02
0.06
0.10
0.14
0.18
4
3108 G11
10μs/DIV
C1 PIN
2V/DIV
C2 PIN
2V/DIV
SW PIN
50mV/DIV
3108 G09
VIN = 20mV
1:100 RATIO TRANSFORMER
10sec/DIV
3108 G12
CH1
VSTORE
1V/DIV
CH2, VOUT
1V/DIV
CH3, VLDO
1V/DIV
VIN = 50mV
1:100 RATIO TRANSFORMER
COUT = 220μF
CSTORE = 470μF
CLDO = 2.2μF
5ms/DIV
3108 G13
CH2
VOUT
1V/DIV
CH1
PGD
1V/DIV
50mA LOAD STEP
COUT = 220μF
100ms/DIV
3108 G14
20mV/
DIV
30μA LOAD
COUT = 220μF
1ms/DIV
3108 G16
CH2, VOUT2
1V/DIV
CH1
VOUT2_EN
1V/DIV
10mA LOAD ON VOUT2
COUT = 220μF
5sec/DIV
3108 G17
CH2, VOUT
1V/DIV
CH1, VIN
50mV/DIV
CH3
VSTORE
1V/DIV
CH4, VLDO
1V/DIV
CSTORE = 470μF
VOUT LOAD = 100μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com