Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3108IGN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3108IGN
Description  Ultralow Voltage Step-Up Converter and Power Manager
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3108IGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3108IGN Datasheet HTML 3Page - Linear Technology LTC3108IGN Datasheet HTML 4Page - Linear Technology LTC3108IGN Datasheet HTML 5Page - Linear Technology LTC3108IGN Datasheet HTML 6Page - Linear Technology LTC3108IGN Datasheet HTML 7Page - Linear Technology LTC3108IGN Datasheet HTML 8Page - Linear Technology LTC3108IGN Datasheet HTML 9Page - Linear Technology LTC3108IGN Datasheet HTML 10Page - Linear Technology LTC3108IGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC3108
7
3108p
BLOCK DIAGRAM
OPERATION
The LTC3108 is designed to use a small external step-up
transformer to create an ultralow input voltage step-up
DC/DC converter and power manager. It is ideally suited
for low power wireless sensors and other applications in
which surplus energy harvesting is used to generate system
power because traditional battery power is inconvenient
or impractical.
The LTC3108 is designed to manage the charging and
regulation of multiple outputs in a system in which the
average power draw is very low, but there may be periodic
pulses of higher load current required. This is typical of
wireless sensor applications, where the quiescent power
draw is extremely low most of the time, except for transmit
bursts when circuitry is powered up to make measure-
ments and transmit data.
The LTC3108 can also be used to trickle charge a standard
capacitor, supercapacitor or rechargeable battery, using
energy harvested from a Peltier or photovoltaic cell.
(Refer to the Block Diagram)
3108 BD
C1
C2
5M
SW
5.25V
1.2V
VREF
SW
VOUT
VHOLD
VLDO
OFF ON
VOUT2
VOUT2
VOUT
VOUT
PROGRAM
COUT
PGOOD
VOUT2_EN
VOUT
VS1
VS2
PGD
VSTORE
C1
CIN
VIN
VLDO
CSTORE
1μF
1:100
C2
SYNC RECTIFY
REFERENCE
VOUT
2.2V
CHARGE
CONTROL
VAUX
+
–
+
–
ILIM
LTC3108
1.3Ω
0.5Ω
1M
EXPOSED PAD (DFN)
2.2μF
GND (SSOP)
VREF
LDO
VREF
VBEST
(DFN Package Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com