Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATtiny461 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATtiny461
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny461 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATtiny461 Datasheet HTML 1Page - ATMEL Corporation ATtiny461 Datasheet HTML 2Page - ATMEL Corporation ATtiny461 Datasheet HTML 3Page - ATMEL Corporation ATtiny461 Datasheet HTML 4Page - ATMEL Corporation ATtiny461 Datasheet HTML 5Page - ATMEL Corporation ATtiny461 Datasheet HTML 6Page - ATMEL Corporation ATtiny461 Datasheet HTML 7Page - ATMEL Corporation ATtiny461 Datasheet HTML 8Page - ATMEL Corporation ATtiny461 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 227 page
background image
Features
• High Performance, Low Power AVR® 8-Bit Microcontroller
• Advanced RISC Architecture
– 123 Powerful Instructions – Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Fully Static Operation
• Non-volatile Program and Data Memories
– 2/4/8K Byte of In-System Programmable Program Memory Flash
(ATtiny261/461/861)
Endurance: 10,000 Write/Erase Cycles
– 128/256/512 Bytes In-System Programmable EEPROM (ATtiny261/461/861)
Endurance: 100,000 Write/Erase Cycles
– 128/256/512 Bytes Internal SRAM (ATtiny261/461/861)
– Programming Lock for Self-Programming Flash Program and EEPROM Data
Security
• Peripheral Features
– 8/16-bit Timer/Counter with Prescaler
– 8/10-bit High Speed Timer/Counter with Separate Prescaler
3 High Frequency PWM Outputs with Separate Output Compare Registers
Programmable Dead Time Generator
– Universal Serial Interface with Start Condition Detector
– 10-bit ADC
11 Single Ended Channels
16 Differential ADC Channel Pairs
15 Differential ADC Channel Pairs with Programmable Gain (1x, 8x, 20x, 32x)
– Programmable Watchdog Timer with Separate On-chip Oscillator
– On-chip Analog Comparator
• Special Microcontroller Features
– debugWIRE On-chip Debug System
– In-System Programmable via SPI Port
– External and Internal Interrupt Sources
– Low Power Idle, ADC Noise Reduction, and Power-down Modes
– Enhanced Power-on Reset Circuit
– Programmable Brown-out Detection Circuit
– Internal Calibrated Oscillator
• I/O and Packages
– 16 Programmable I/O Lines
– 20-pin SOIC, 32-pad MLF and 20-lead TSSOP
• Operating Voltage:
– 2.7 - 5.5V for ATtiny261/461/861
• Speed Grade:
– ATtiny261/461/861: 0 - 8 MHz @ 2.7 - 5.5V, 0 - 16 MHz @ 4.5 - 5.5V
– Operating temperature: Automotive (-40°C to +125°C)
• Low Power Consumption
– Active Mode ATD On: 1 MHz, 2.7V, 25°C: 300 µA
– Power-down Mode no Watchdog: 2.7V, 25°C: 0.12 µA
8-bit
Microcontroller
with 2/4/8K
Bytes In-System
Programmable
Flash
ATtiny261
ATtiny461
ATtiny861
Automotive
7753C–AVR–07/09


Similar Part No. - ATtiny461

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY461 ATMEL-ATTINY461 Datasheet
306Kb / 19P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY461 ATMEL-ATTINY461 Datasheet
2Mb / 236P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY461 ATMEL-ATTINY461 Datasheet
4Mb / 226P
High Performance, Low Power AVR짰 8-Bit Microcontroller
ATTINY461 ATMEL-ATTINY461 Datasheet
444Kb / 11P
8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
ATtiny461 ATMEL-ATtiny461 Datasheet
5Mb / 20P
Atmel짰 AVR짰 32-bit microcontrollers
More results

Similar Description - ATtiny461

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY25 ATMEL-ATTINY25 Datasheet
146Kb / 16P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25 ATMEL-ATTINY25_06 Datasheet
247Kb / 24P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY261 ATMEL-ATTINY261_06 Datasheet
306Kb / 19P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24_07 Datasheet
287Kb / 21P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24_08 Datasheet
562Kb / 26P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24_09 Datasheet
544Kb / 26P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25 ATMEL-ATTINY25_09 Datasheet
3Mb / 196P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY261A ATMEL-ATTINY261A_1 Datasheet
8Mb / 292P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY861A-SU ATMEL-ATTINY861A-SU Datasheet
612Kb / 22P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY25-15SZ ATMEL-ATTINY25-15SZ Datasheet
3Mb / 196P
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com