Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATtiny461 Datasheet(PDF) 73 Page - ATMEL Corporation

Part # ATtiny461
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny461 Datasheet(HTML) 73 Page - ATMEL Corporation

Back Button ATtiny461 Datasheet HTML 69Page - ATMEL Corporation ATtiny461 Datasheet HTML 70Page - ATMEL Corporation ATtiny461 Datasheet HTML 71Page - ATMEL Corporation ATtiny461 Datasheet HTML 72Page - ATMEL Corporation ATtiny461 Datasheet HTML 73Page - ATMEL Corporation ATtiny461 Datasheet HTML 74Page - ATMEL Corporation ATtiny461 Datasheet HTML 75Page - ATMEL Corporation ATtiny461 Datasheet HTML 76Page - ATMEL Corporation ATtiny461 Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 227 page
background image
73
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
14. Timer/Counter0
14.1
Features
• Clear Timer on Compare Match (Auto Reload)
• Input Capture unit
• Four Independent Interrupt Sources (TOV0, OCF0A, OCF0B, ICF0)
• 8-bit Mode with Two Independent Output Compare Units
• 16-bit Mode with One Independent Output Compare Unit
14.2
Overview
Timer/Counter0 is a general purpose 8-/16-bit Timer/Counter module, with two/one Output Com-
pare units and Input Capture feature.
The Timer/Counter0 general operation is described in 8-/16-bit mode. A simplified block diagram
of the 8-/16-bit Timer/Counter is shown in Figure 14-1. For the actual placement of I/O pins, refer
to “Pinout ATtiny261/461/861” on page 2. CPU accessible I/O Registers, including I/O bits and
I/O pins, are shown in bold. The device-specific I/O Register and bit locations are listed in the
“Register Description” on page 85.
Figure 14-1. 8-/16-bit Timer/Counter Block Diagram
14.2.1
Registers
The Timer/Counter0 Low Byte Register (TCNT0L) and Output Compare Registers (OCR0A and
OCR0B) are 8-bit registers. Interrupt request (abbreviated to Int.Req. in Figure 14-1) signals are
all visible in the Timer Interrupt Flag Register (TIFR). All interrupts are individually masked with
the Timer Interrupt Mask Register (TIMSK). TIFR and TIMSK are not shown in the figure.
In 16-bit mode the Timer/Counter consists one more 8-bit register, the Timer/Counter0 High
Byte Register (TCNT0H). Furthermore, there is only one Output Compare Unit in 16-bit mode as
the two Output Compare Registers, OCR0A and OCR0B, are combined to one 16-bit Output
Compare Register.
Clock Select
Timer/Counter
OCRnB
=
TCNTnL
Noise
Canceler
ICPn
=
Edge
Detector
Control Logic
TOP
Count
Clear
Direction
TOVn (Int. Req.)
OCnA (Int. Req.)
OCnB (Int. Req.)
ICFn (Int. Req.)
TCCRnA
TCCRnB
( From Analog
Comparator Ouput )
Tn
Edge
Detector
( From Prescaler )
clk
Tn
=
OCRnA
TCNTnH
Fixed TOP value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com