Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATtiny861-ESSZ Datasheet(PDF) 52 Page - ATMEL Corporation

Part # ATtiny861-ESSZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny861-ESSZ Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button ATtiny861-ESSZ Datasheet HTML 48Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 49Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 50Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 51Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 52Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 53Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 54Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 55Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 227 page
background image
52
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
11. External Interrupts
The External Interrupts are triggered by the INT0 or INT1 pin or any of the PCINT15..0 pins.
Observe that, if enabled, the interrupts will trigger even if the INT0, INT1 or PCINT15..0 pins are
configured as outputs. This feature provides a way of generating a software interrupt. Pin
change interrupts PCI will trigger if any enabled PCINT15..0 pin toggles. The PCMSK Register
control which pins contribute to the pin change interrupts. Pin change interrupts on PCINT15..0
are detected asynchronously. This implies that these interrupts can be used for waking the part
also from sleep modes other than Idle mode.
The INT0 and INT1 interrupts can be triggered by a falling or rising edge or a low level. This is
set up as indicated in the specification for the MCU Control Register – MCUCR. When the INT0
interrupt is enabled and is configured as level triggered, the interrupt will trigger as long as the
pin is held low. Note that recognition of falling or rising edge interrupts on INT0 or INT1 requires
the presence of an I/O clock, described in “Clock Systems and their Distribution” on page 25.
Low level interrupt on INT0 is detected asynchronously. This implies that this interrupt can be
used for waking the part also from sleep modes other than Idle mode. The I/O clock is halted in
all sleep modes except Idle mode.
Note that if a level triggered interrupt is used for wake-up from Power-down, the required level
must be held long enough for the MCU to complete the wake-up to trigger the level interrupt. If
the level disappears before the end of the Start-up Time, the MCU will still wake up, but no inter-
rupt will be generated. The start-up time is defined by the SUT and CKSEL Fuses as described
in “System Clock and Clock Options” on page 25.
11.1
Register Description
11.1.1
MCUCR – MCU Control Register
The MCU Register contains control bits for interrupt sense control.
• Bits 1, 0 – ISC01, ISC00: Interrupt Sense Control 0 Bit 1 and Bit 0
The External Interrupt 0 is activated by the external pin INT0 or INT1 if the SREG I-flag and the
corresponding interrupt mask are set. The level and edges on the external INT0 or INT1 pin that
activate the interrupt are defined in Table 11-1. The value on the INT0 or INT1 pin is sampled
before detecting edges. If edge or toggle interrupt is selected, pulses that last longer than one
clock period will generate an interrupt. Shorter pulses are not guaranteed to generate an inter-
rupt. If low level interrupt is selected, the low level must be held until the completion of the
currently executing instruction to generate an interrupt.
Bit
7
6
5
4
3210
0x35 (0x55)
–
PUD
SE
SM1
SM0
–
ISC01
ISC00
MCUCR
Read/Write
R
R/W
R/WR/W
R/WR
R/WR/W
Initial Value
0
0
0
0
0000
Table 11-1.
Interrupt 0 Sense Control
ISC01
ISC00
Description
0
0
The low level of INT0 or INT1 generates an interrupt request.
0
1
Any logical change on INT0 or INT1 generates an interrupt request.
1
0
The falling edge of INT0 or INT1 generates an interrupt request.
1
1
The rising edge of INT0 or INT1 generates an interrupt request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com