Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATtiny861-ESSZ Datasheet(PDF) 26 Page - ATMEL Corporation

Part # ATtiny861-ESSZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny861-ESSZ Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button ATtiny861-ESSZ Datasheet HTML 22Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 23Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 24Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 25Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 26Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 27Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 28Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 29Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 227 page
background image
26
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
7.1.5
Internal PLL for Fast Peripheral Clock Generation - clk
PCK
The internal PLL in ATtiny261/461/861 generates a clock frequency that is 8x multiplied from a
source input. By default, the PLL uses the output of the internal 8.0 MHz RC oscillator as source.
Alternatively, if the LSM bit of the PLLCSR is set the PLL will use the output of the RC oscillator
divided by two. Thus the output of the PLL, the fast peripheral clock is 64 MHz. The fast periph-
eral clock, or a clock prescaled from that, can be selected as the clock source for
Timer/Counter1or as a system clock. See Figure 7-2. The frequency of the fast peripheral clock
is divided by two when LSM of PLLCSR is set, resulting in a clock frequency of 32 MHz. Note,
that LSM can not be set if PLL
CLK is used as a system clock.
Figure 7-2.
PCK Clocking System
The PLL is locked on the RC oscillator and adjusting the RC oscillator via OSCCAL register will
adjust the fast peripheral clock at the same time. However, even if the RC oscillator is taken to a
higher frequency than 8 MHz, the fast peripheral clock frequency saturates at 85 MHz (worst
case) and remains oscillating at the maximum frequency. It should be noted that the PLL in this
case is not locked any longer with the RC oscillator clock. Therefore, it is recommended not to
take the OSCCAL adjustments to a higher frequency than 8 MHz in order to keep the PLL in the
correct operating range.
The internal PLL is enabled when:
• The PLLE bit of the PLLCSR register is set.
• The CKSEL fuse are programmed to ‘0001’.
The PLLCSR bit PLOCK is set when PLL is locked.
Both internal RC oscillator and PLL are switched off in power down and stand-by sleep modes.
1/2
8 MHz
LSM
8.0 MHz
OSCILLATOR
PLL
8x
CKSEL3:0
PLLE
OSCCAL
4 MHz
1/4
LOCK
DETECTOR
PRESCALER
CLKPS3:0
SYSTEM
CLOCK
PLOCK
PCK
OSCILLATORS
XTAL1
XTAL2
64 / 32 MHz
8 MHz
16 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com