Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATtiny861-ESSZ Datasheet(PDF) 192 Page - ATMEL Corporation

Part # ATtiny861-ESSZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny861-ESSZ Datasheet(HTML) 192 Page - ATMEL Corporation

Back Button ATtiny861-ESSZ Datasheet HTML 188Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 189Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 190Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 191Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 192Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 193Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 194Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 195Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 196Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 227 page
background image
192
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
Table 23-6.
ADC Characteristics, Differential Channels, -40°C +125°C
Symbol
Parameter
Condition
Min
Typ
Max
Units
Resolution
Differential conversion,
gain = 1x or 8x
8
Bits
Differential conversion,
gain = 20x or 32x
8
TUE
Absolute accuracy
Gain = 1x / 8x, BIPOLAR,
V
CC = 5V, VREF = 4V,
ADC clock = 200 kHz
1.7
4.0
LSB
Gain = 20x / 32x, BIPOLAR,
V
CC = 5V, VREF = 4V,
ADC clock = 200 kHz
2.0
5.0
Gain = 1x / 8x, UNIPOLAR,
V
CC = 5V, VREF = 4V,
ADC clock = 200 kHz
2.3
5.0
Gain = 20x / 32x, UNIPOLAR,
V
CC = 5V, VREF = 4V,
ADC clock = 200 kHz
3.0
6.0
INL
Integral Non-linearity
Gain = 1x / 8x, BIPOLAR,
V
CC = 5V, VREF = 4V,
ADC clock = 200 kHz
0.3
1.5
LSB
Gain = 20x / 32x, BIPOLAR,
V
CC = 5V, VREF = 4V,
ADC clock = 200 kHz
0.7
3.0
Gain = 1x / 8x, UNIPOLAR,
V
CC = 5V, VREF = 4V,
ADC clock = 200 kHz
1.0
3.0
Gain = 20x / 32x, UNIPOLAR,
V
CC = 5V, VREF = 4V,
ADC clock = 200 kHz
2.0
6.0
DNL
Differential Non-linearity
Gain = 1x / 8x, BIPOLAR,
V
CC = 5V, VREF = 4V,
ADC clock = 200 kHz
0.3
1.0
LSB
Gain = 20x / 32x, BIPOLAR,
V
CC = 5V, VREF = 4V,
ADC clock = 200 kHz
0.4
1.2
Gain = 1x / 8x, UNIPOLAR,
V
CC = 5V, VREF = 4V,
ADC clock = 200 kHz
0.4
1.0
Gain = 20x / 32x, UNIPOLAR,
V
CC = 5V, VREF = 4V,
ADC clock = 200 kHz
0.8
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com