Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATtiny861-ESSZ Datasheet(PDF) 115 Page - ATMEL Corporation

Part # ATtiny861-ESSZ
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny861-ESSZ Datasheet(HTML) 115 Page - ATMEL Corporation

Back Button ATtiny861-ESSZ Datasheet HTML 111Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 112Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 113Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 114Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 115Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 116Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 117Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 118Page - ATMEL Corporation ATtiny861-ESSZ Datasheet HTML 119Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 227 page
background image
115
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
16.11 Register Description
16.11.1
TCCR1A – Timer/Counter1 Control Register A
• Bits 7,6 - COM1A1, COM1A0: Comparator A Output Mode, Bits 1 and 0
These bits control the behavior of the Waveform Output (OCW1A) and the connection of the
Output Compare pin (OC1A). If one or both of the COM1A1:0 bits are set, the OC1A output
overrides the normal port functionality of the I/O pin it is connected to. The complementary
OC1B output is connected only in PWM modes when the COM1A1:0 bits are set to “01”. Note
that the Data Direction Register (DDR) bit corresponding to the OC1A and OC1A pins must be
set in order to enable the output driver.
The function of the COM1A1:0 bits depends on the PWM1A, WGM10 and WGM11 bit settings.
Table 16-6 shows the COM1A1:0 bit functionality when the PWM1A bit is set to Normal Mode
(non-PWM).
Table 16-7 shows the COM1A1:0 bit functionality when the PWM1A, WGM10 and WGM11 bits
are set to fast PWM mode.
Bit
76543210
0x30 (0x50)
COM1A1
COM1A0
COM1B1
COM1B0
FOC1A
FOC1B
PWM1A
PWM1B
TCCR1A
Read/Write
R/W
R/W
R/W
R/W
W
W
R/W
R/W
Initial value
00000000
Table 16-6.
Compare Output Mode, Normal Mode (non-PWM)
COM1A1..0
OCW1A Behavior
OC1A Pin
OC1A Pin
00
Normal port operation.
Disconnected
Disconnected
01
Toggle on Compare Match.
Connected
Disconnected
10
Clear on Compare Match.
Connected
Disconnected
11
Set on Compare Match.
Connected
Disconnected
Table 16-7.
Compare Output Mode, Fast PWM Mode
COM1A1..0
OCW1A Behavior
OC1A
OC1A
00
Normal port operation.
Disconnected
Disconnected
01
Cleared on Compare Match.
Set when TCNT1 = 0x000.
Connected
Connected
10
Cleared on Compare Match.
Set when TCNT1 = 0x000.
Connected
Disconnected
11
Set on Compare Match.
Cleared when TCNT1 = 0x000.
Connected
Disconnected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com