Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATmega16U2 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # ATmega16U2
Description  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U2 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button ATmega16U2 Datasheet HTML 37Page - ATMEL Corporation ATmega16U2 Datasheet HTML 38Page - ATMEL Corporation ATmega16U2 Datasheet HTML 39Page - ATMEL Corporation ATmega16U2 Datasheet HTML 40Page - ATMEL Corporation ATmega16U2 Datasheet HTML 41Page - ATMEL Corporation ATmega16U2 Datasheet HTML 42Page - ATMEL Corporation ATmega16U2 Datasheet HTML 43Page - ATMEL Corporation ATmega16U2 Datasheet HTML 44Page - ATMEL Corporation ATmega16U2 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 314 page
background image
41
7799B–AVR–07/09
ATmega8U2/16U2/32U2
• Bit 1 – PLLE: PLL Enable
When the PLLE is set, the PLL is started. Note that the Calibrated 8 MHz Internal RC oscillator is
automatically enabled when the PLLE bit is set and with PINMUX (see PLLFRQ register) is set.
The PLL must be disabled before entering Power down mode in order to stop Internal RC Oscil-
lator and avoid extra-consumption.
• Bit 0 – PLOCK: PLL Lock Detector
When the PLOCK bit is set, the PLL is locked to the reference clock. After the PLL is enabled, it
takes about several ms for the PLL to lock. To clear PLOCK, clear PLLE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com