Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATmega16U2 Datasheet(PDF) 37 Page - ATMEL Corporation

Part # ATmega16U2
Description  8-bit Microcontroller with 8/16/32K Bytes of ISP Flash and USB Controller
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16U2 Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button ATmega16U2 Datasheet HTML 33Page - ATMEL Corporation ATmega16U2 Datasheet HTML 34Page - ATMEL Corporation ATmega16U2 Datasheet HTML 35Page - ATMEL Corporation ATmega16U2 Datasheet HTML 36Page - ATMEL Corporation ATmega16U2 Datasheet HTML 37Page - ATMEL Corporation ATmega16U2 Datasheet HTML 38Page - ATMEL Corporation ATmega16U2 Datasheet HTML 39Page - ATMEL Corporation ATmega16U2 Datasheet HTML 40Page - ATMEL Corporation ATmega16U2 Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 314 page
background image
37
7799B–AVR–07/09
ATmega8U2/16U2/32U2
Figure 8-6.
PLL Clocking System
8.11
Register Description
8.11.1
CLKSEL0 – Clock Selection Register 0
• Bit 7:6 – RCSUT[1:0]: SUT for RC oscillator
These 2 bits are the SUT value for the RC Oscillator. If the RC oscillator is selected by fuse bits,
the SUT fuse are copied into these bits. A firmware change will not have any effect because this
additionnal start-up time is only used after a reset and not after a clock switch.
• Bit 5:4 – EXSUT[1:0]: SUT for External Oscillator / Low Power Oscillator
These 2 bits are the SUT value for the External Oscillator / Low Power Oscillator. If the External
oscillator / Low Power Oscillator is selected by fuse bits, the SUT fuse are copyed into these
bits. The firmware can modify these bits by writing a new value. This value will be used at the
next start of the External Oscillator / Low Power Oscillator.
• Bit 3 – RCE: Enable RC Oscillator
The RCE bit must be written to logic one to enable the RC Oscillator. The RCE bit must be writ-
ten to logic zero to disable the RC Oscillator.
• Bit 2 – EXTE: Enable External Oscillator / Low Power Oscillator
The OSCE bit must be written to logic one to enable External Oscillator / Low Power Oscillator.
The OSCE bit must be written to logic zero to disable the External Oscillator / Low Power
Oscillator.
• Bit 0 – CLKS: Clock Selector
The CLKS bit must be written to logic one to select the External Oscillator / Low Power Oscillator
as CPU clock. The CLKS bit must be written to logic zero to select the RC Oscillator as CPU
clock. After a reset, the CLKS bit is set by hardware if the External Oscillator / Low Power Oscil-
8 MHz
RC OSCILLATOR
XTAL1
XTAL2
XTAL
OSCILLATOR
PLL
PLLE
Lock
Detector
TclkTimer1
To System
Clock Prescaler
clk
8MHz
PLL clock
Prescaler
PINDIV
PDIV3..0
clkUSB
/2
/48
PLLITM
PLLUSB
0
1
0
1
CKSEL3:0
PLOCK
T1
Bit
7
654
3
2
1
0
(0xD0)
RCSUT1
RCSUT0
EXSUT1
EXSUT0
RCE
EXTE
-
CLKS
CLKSEL0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R
R/W
Initial Value
0
0
0
0
See Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com