Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5LC512K8F-25L/XT Datasheet(PDF) 12 Page - Austin Semiconductor

Part # AS5LC512K8F-25L/XT
Description  512K x 8 SRAM 3.3 VOLT HIGH SPEED SRAM with CENTER POWER PINOUT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS5LC512K8F-25L/XT Datasheet(HTML) 12 Page - Austin Semiconductor

Back Button AS5LC512K8F-25L/XT Datasheet HTML 5Page - Austin Semiconductor AS5LC512K8F-25L/XT Datasheet HTML 6Page - Austin Semiconductor AS5LC512K8F-25L/XT Datasheet HTML 7Page - Austin Semiconductor AS5LC512K8F-25L/XT Datasheet HTML 8Page - Austin Semiconductor AS5LC512K8F-25L/XT Datasheet HTML 9Page - Austin Semiconductor AS5LC512K8F-25L/XT Datasheet HTML 10Page - Austin Semiconductor AS5LC512K8F-25L/XT Datasheet HTML 11Page - Austin Semiconductor AS5LC512K8F-25L/XT Datasheet HTML 12Page - Austin Semiconductor AS5LC512K8F-25L/XT Datasheet HTML 13Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
AS5LC512K8
AS5LC512K8
Rev. 2.1 08/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
12
Austin Semiconductor, Inc.
ORDERING INFORMATION
*AVAILABLE PROCESSES
IT = Industrial Temperature Range
-40oC to +85oC
XT = Extended Temperature Range
-55oC to +125oC
883C = Full Military Processing1
-55oC to +125oC
**OPTIONS DEFINITIONS
L = 2V Data Retention / Low Power
NOTES: 1. 883C process available with ceramic packaging only.
EXAMPLE: AS5LC512K8F-12L/XT
Device Number
Package
Type
Speed
ns
Options**
Process
AS5LC512K8
F
-12
L
/*
AS5LC512K8
F
-15
L
/*
AS5LC512K8
F
-20
L
/*
AS5LC512K8
F
-25
L
/*
EXAMPLE: AS5LC512K8DJ-20L/883C
Device Number
Package
Type
Speed
ns
Options**
Process
AS5LC512K8
DJ
-12
L
/*
AS5LC512K8
DJ
-15
L
/*
AS5LC512K8
DJ
-20
L
/*
AS5LC512K8
DJ
-25
L
/*
EXAMPLE: AS5LC512K8EC-15L/IT
Device Number
Package
Type
Speed
ns
Options**
Process
AS5LC512K8
EC
-12
L
/*
AS5LC512K8
EC
-15
L
/*
AS5LC512K8
EC
-20
L
/*
AS5LC512K8
EC
-25
L
/*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com