Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS3102CS Datasheet(PDF) 5 Page - Advanced Monolithic Systems

Part # AMS3102CS
Description  300mA LOW DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3102CS Datasheet(HTML) 5 Page - Advanced Monolithic Systems

  AMS3102CS Datasheet HTML 1Page - Advanced Monolithic Systems AMS3102CS Datasheet HTML 2Page - Advanced Monolithic Systems AMS3102CS Datasheet HTML 3Page - Advanced Monolithic Systems AMS3102CS Datasheet HTML 4Page - Advanced Monolithic Systems AMS3102CS Datasheet HTML 5Page - Advanced Monolithic Systems AMS3102CS Datasheet HTML 6Page - Advanced Monolithic Systems AMS3102CS Datasheet HTML 7Page - Advanced Monolithic Systems AMS3102CS Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AMS3102
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
010
20
0
600
400
200
Peak Output Current
30
INPUT VOLTAGE (V)
100
500
300
T
J= 25°C
-40
40
80
120
25
10
Quiescent Current
TEMPERATURE (° C)
15
2
0
0
0
100
200
0
8
4
Quiescent Current
300
OUTPUT CURRENT (mA)
2
10
6
-1
1
3
6
-20 -10
0
10
20
30
40
50
60
INPUT VOLTAGE (V)
Output at Voltage Extremes
0
2
5
4
~
~
~
~
V
IN = 6V
20
3
1
I
O = 50mA
I
O = 0mA
AMS3102-3.3
R
L=500mΩ
50
150
250
350
-2.5
2.5
10
5.0
17.5
01
2
4
5
6
7
8
10
INPUT VOLTAGE (V)
Quiescent Current
0
7.5
15
12.5
I
O= 100mA
45
55
70
60
85
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
Ripple Rejection
50
65
80
75
C2 = 100
µF
ALUM
I
O= 10mA
C2 = 100
µF
TANTALUM
39
3.3V OUTPUT
I
O = 100mA
I
O = 200mA
FREQUENCY (Hz)
0.01
10
Output Impedance
10k
1M
1
100
0.1
1
Operation During Load Dump
TIME (ms)
τ =150 ms
-100
0
100
200
300
400
500
0
1
4
0
10
50
70
C
O= 100µF
1.20
1.30
Reference Voltage
1.12
1.14
1.16
1.18
1.22
1.24
1.26
1.28
OUTPUT VOLTAGE (V)
3
6
9
12 15
18
21
24
0
1.10
~
~
AMS3102C
ADJUSTABLE
1k
10
100k
2
3
~
~
40
30
20
60
R
L= 500Ω
I
O = 10mA
5
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com