Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS3102CS Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS3102CS
Description  300mA LOW DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS3102CS Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS3102CS Datasheet HTML 1Page - Advanced Monolithic Systems AMS3102CS Datasheet HTML 2Page - Advanced Monolithic Systems AMS3102CS Datasheet HTML 3Page - Advanced Monolithic Systems AMS3102CS Datasheet HTML 4Page - Advanced Monolithic Systems AMS3102CS Datasheet HTML 5Page - Advanced Monolithic Systems AMS3102CS Datasheet HTML 6Page - Advanced Monolithic Systems AMS3102CS Datasheet HTML 7Page - Advanced Monolithic Systems AMS3102CS Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
Advanced
AMS3102
Monolithic
300mA LOW DROPOUT VOLTAGE REGULATOR
Systems
RoHS compliant
FEATURES
APPLICATIONS
• Fixed and Adjustable Versions Available
• Cellular Telephones
• Output Current in excess of 300mA
• Portable Consumer Equipment
• Very Low Quiescent Current
• Portable (Notebook) Computers
• Reverse Battery Protection
• Battery Powered Systems
• Input-output Differential less than 0.6V
• Portable Instrumentation
• Short Circuit Protection
• Radio Control Systems
• Internal Thermal Overload Protection
• CD/DVD drives
• Load Dump Protection
• Overvoltage Protection
• Mirror Image Insertion Protection
• ON/OFF Pin
•External PNP Drive
GENERAL DESCRIPTION
The AMS3102 series consists of positive fixed and adjustable voltage regulators ideally suited for use in battery-powered
systems. These devices feature very low quiescent current of 0.3mA or less when supplying 10mA loads. This unique
characteristic and the extremely low input-output differential required for proper regulation (0.25V for output currents of
100mA) make the AMS3102 ideal to use for standby power systems.
Internal circuitry of AMS3102 is protected from input fault conditions caused by reverse battery installation or input voltages
that exceed maximum rated input voltage. During line transients, such as load dump (40V) when the input voltage to the
regulator can momentarily exceed the specified maximum operating voltage, the regulator will automatically shut down to
protect both internal circuits and the load. The AMS3102 series also includes internal current limiting, thermal shutdown, and
is able to withstand temporary power-up with mirror-image insertion.
The AMS3102 is offered in the 3-pin TO-92 package, SOT-89, 3 lead SOT-23, 5 lead SOT-23 and 8 lead SOIC packages. The
device is provided with On/Off pin in SOT-23 5L and in 8 lead SOIC package.
ORDERING INFORMATION
OUTPUT
PACKAGE TYPE
TEMP.
VOLTAGE
TO-92
SOT-89
3L SOT-23
5L SOT-23
SO-8
RANGE
FIXED
AMS3102AN-X
AMS3102AL-X
AMS3102AM-X
AMS3102AM1-X
AMS3102AS-X
IND
AMS3102N-X
AMS3102L-X
AMS3102M-X
AMS3102M1-X
AMS3102S-X
IND
AMS3102ALR-X
AMS3102LR-X
ADJ.
AMS3102CM1
AMS3102CS
IND
X = 2.0V, 2.5V, 3.0V, 3.3V, 3.5V, 4.0V, 5.0V.
R = Reverse pin-out option


Similar Part No. - AMS3102CS

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3102CS ADMOS-AMS3102CS Datasheet
72Kb / 8P
300mA LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS3102CS

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
161Kb / 6P
300mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3102 ADMOS-AMS3102 Datasheet
72Kb / 8P
300mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1521 SIPEX-SPX1521 Datasheet
94Kb / 8P
300mA Low Dropout Voltage Regulator
SPX2808 SIPEX-SPX2808 Datasheet
47Kb / 6P
300mA Low Dropout Voltage Regulator
SPX1521 SIPEX-SPX1521_07 Datasheet
595Kb / 8P
300mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
LM2954 UTC-LM2954_12 Datasheet
261Kb / 7P
300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM2954 ETL-LM2954 Datasheet
270Kb / 7P
300mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX1521 EXAR-SPX1521 Datasheet
614Kb / 8P
300mA Low Dropout Voltage Regulator
logo
Unisonic Technologies
M2954 UTC-M2954_17 Datasheet
271Kb / 7P
300mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954_V01 Datasheet
280Kb / 5P
300mA LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com