Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS21 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # BAS21
Description  SILICON EPITAXIAL PLANAR DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BAS21 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  BAS21 Datasheet HTML 1Page - KEC(Korea Electronics) BAS21 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2009. 1. 23
2/2
Revision No : 1
BAS21
C - V
R
REVERSE VOLTAGE V
(V)
010
20
30
T
R
1.0
1.1
1.2
1.3
1.4
1.5
Ta=25 C
f=1MHz
Ta=25 C
Ta=25 C
I - V
RR
R
REVERSE VOLTAGE V
(V)
0
0.1
50
100
150
200
250
300
1
10
100
FORWARD VOLTAGE V (mV)
F
I - V
F
F
0
200
400
600
800
1000
1200
0.0001
0.001
0.01
0.1
1
2
3
4
5
10
10
10
10
10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com